Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML3372EP Datasheet(PDF) 3 Page - LANSDALE Semiconductor Inc.

Part # ML3372EP
Description  Low Power Narrowband FM IF
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML3372EP Datasheet(HTML) 3 Page - LANSDALE Semiconductor Inc.

  ML3372EP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML3372EP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML3372EP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML3372EP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML3372EP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML3372EP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML3372EP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML3372EP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML3372EP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.lansdale.com
Page 3 of 19
Issue A
LANSDALE Semiconductor, Inc.
ML3371, ML3372
DC ELECTRICAL CHARACTERISTICS (VCC = 4.0 Vdc, TA = 25°C, unless otherwise noted)
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
Drain Current (No Input Signal)
Squelch Off, Vsq = 2.0 Vdc
Squelch On, Vsq = 0 Vdc
Squelch Off, VCC = 2.0 to 9.0 V
4
lcc1
lcc2
dlcc1
3.2
3.6
1.0
4.2
4.8
2.0
mA
Detector Output (No Input Signal)
DC Voltage, V8 = VCC
9
V9
0.9
1.6
2.3
Vdc
Filter Output (No Input Signal)
DC Voltage
Voltage Change, VCC = 2.0 to 9.0 V
11
V11
dV11
1.5
2.0
2.5
5.0
3.5
8.0
Vdc
Trigger Hysteresis
Hys
34
57
80
mV
Quad Coil TOKO
2A6597 HK (10 mm)
or
7MC–8128Z (7 mm)
15
22
0.33
0.001
57.6575
MHz
Oscillator
0.1
0.1
20 k
0.1
muRata
CFU455D2
or
equivalent
14
C1
0.01
51
51 k
RF Input
VCC = 4.0 Vdc
13
24
38
56
7
1
15
+
16
Mute
0.1
12
11
10
9
FilterOut
1.0
µF
Demodulator
AF
Amp
RSSI Output
510 k
SqIn
FilterIn
470
8.2 k
0.01
AF Out
to Audio
Power Amp
53 k
10
Limiter
Amp
Filter
Amp
Mixer
Squelch Trigger
with Hysteresis
Figure 1. ML3371 Functional Block Diagram and Test Fixture Schematic
1.8 k
51 k
1.0
µF


Similar Part No. - ML3372EP

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML3372EP LANSDALE-ML3372EP Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
More results

Similar Description - ML3372EP

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CM5018 CERAMATE-CM5018 Datasheet
917Kb / 6P
   Low Power Narrowband FM IF
logo
Motorola, Inc
MC3361 MOTOROLA-MC3361 Datasheet
156Kb / 6P
   LOW POWER NARROWBAND FM IF
MC3361B MOTOROLA-MC3361B Datasheet
209Kb / 8P
   Low Power Narrowband FM IF
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371_08 Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
logo
Sanyo Semicon Device
LA8604M SANYO-LA8604M Datasheet
136Kb / 8P
   Narrowband FM IF Stage
LA8608V SANYO-LA8608V Datasheet
310Kb / 14P
   1.8 V Low-Voltage Narrowband FM-IF System
logo
Motorola, Inc
MC3335 MOTOROLA-MC3335 Datasheet
118Kb / 6P
   Low Power Narrowband FM Receiver
logo
LANSDALE Semiconductor ...
ML13150 LANSDALE-ML13150 Datasheet
1Mb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Motorola, Inc
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Sanyo Semicon Device
LA8615M SANYO-LA8615M Datasheet
305Kb / 11P
   Narrowband FM IF Amplifiers for Pager Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com