Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD5355 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AKD5355
Description  portable digital audio 16bit A/D converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5355 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AKD5355_06 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD5355_06 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD5355_06 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD5355_06 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD5355_06 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD5355_06 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD5355_06 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5355_06 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5355_06 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ASAHI KASEI
[AKD5355]
<KM066403>
’06/01
- 4 -
CKS1
CKS0
MCLK
0
0
no using
0
1
256fs
1
0
384fs
1
1
512fs
Table 3. Set up of CKS0 and CKS1
The function of the toggle SW
Upper-side is “H” and lower-side is “L”.
[SW1] (PDN):
Resets the AK5355. Keep “H” during normal operation.
[SW3] (DIT):
Resets the AK4103. Keep “H” during normal operation.
Input circuit
C2
10u
J1
LIN
J2
RIN
R3
560
LIN
C1
10u
RIN
R1
560
Figure 2. LIN/RIN Input circuit on board
* AKM assumes no responsibility for the trouble when using the circuit examples.


Similar Part No. - AKD5355_06

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5355 AKM-AKD5355 Datasheet
236Kb / 19P
   Evaluation board Rev.A for AK5355
AKD5355 AKM-AKD5355 Datasheet
161Kb / 20P
   Low Power 16bit ?誇 ADC
AKD5355 AKM-AKD5355 Datasheet
167Kb / 20P
   Low Power 16bit ?誇 ADC
More results

Similar Description - AKD5355_06

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5702-A AKM-AKD5702-A Datasheet
1Mb / 33P
   portable digital audio 16bit A/D converter
AKD5700-A AKM-AKD5700-A Datasheet
452Kb / 39P
   digital audio 16bit A/D converter
AKD5701-A AKM-AKD5701-A Datasheet
461Kb / 40P
   digital audio 16bit A/D converter
logo
Rohm
BU7858KN ROHM-BU7858KN Datasheet
322Kb / 6P
   16bit D/A Converter Audio Path
logo
Nippon Precision Circui...
SM5864AP NPC-SM5864AP Datasheet
734Kb / 19P
   Digital Audio D/A Converter
logo
Asahi Kasei Microsystem...
AKD4550-E AKM-AKD4550-E Datasheet
774Kb / 26P
   16bit A/D and D/A converter
logo
Nippon Precision Circui...
SM5865CM NPC-SM5865CM Datasheet
319Kb / 20P
   D/A Converter for Digital Audio
SM5865BM NPC-SM5865BM Datasheet
158Kb / 17P
   D/A Converter for Digital Audio
logo
Asahi Kasei Microsystem...
AKD4386 AKM-AKD4386_05 Datasheet
293Kb / 23P
   96kHz D/A converter for portable audio and home audio systems
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com