Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4646-B Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AKD4646-B
Description  Stereo CODEC with built-in MIC/SPK amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4646-B Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AKD4646-B Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4646-B Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4646-B Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4646-B Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4646-B Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4646-B Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4646-B Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4646-B Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4646-B Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
ASAHI KASEI
[AKD4646-B]
<KM084101>
2006 / 08
- 8 -
Control Software Manual
Set-up of evaluation board and control software
1. Set up the AKD4646-B according to previous term.
2. Connect IBM-AT compatible PC with AKD4646-B by 10-line type flat cable (packed with AKD4646-B). Take care
of the direction of 10pin header. (Please install the driver in the CD-ROM when this control software is used on
Windows 2000/XP. Please refer “Installation Manual of Control Software Driver by AKM device control software”.
In case of Windows95/98/ME, this installation is not needed. This control software does not operate on Windows
NT.)
3. Insert the CD-ROM labeled “AKD4646-B Evaluation Kit” into the CD-ROM drive.
4. Access the CD-ROM drive and double-click the icon of “AKD4646.exe” to set up the control program.
5. Then please evaluate according to the follows.
Operation flow
Keep the following flow.
1. Set up the control program according to explanation above.
2. Click “Port Reset” button.
3. Click “Write default” button
Explanation of each buttons
1. [Port Reset] :
Set up the port. When this is pushed, the printer port or USB port is selected automatically.
2. [Write default] :
Initialize the register of the AK4646
3. [All Write] :
Write all registers that is currently displayed
4. [Function1] :
Dialog to write data by keyboard operation.
5. [Function2] :
Dialog to evaluate IPGA and ATTL/ATTR.
6. [Function3] :
The sequence of register setting can be set and executed.
7. [Function4] :
The sequence that is created on [Function3] can be assigned to buttons and executed.
8. [Function5] :
The register setting that is created by [SAVE] function on main window can be assigned to
buttons and executed.
9.[Write] :
Dialog to write data by mouse operation.
10.[SAVE] :
Save the current register setting.
11.[OPEN] :
Write the save values to all register.
Indication of data
Input data is indicated on the register map. Red letter indicates “H” or “1” and blue one indicates “L” or “0”. Blank is the
part that is not defined in the datasheet.
Explanation of each dialog


Similar Part No. - AKD4646-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4646 AKM-AKD4646 Datasheet
822Kb / 79P
   Stereo CODEC with MIC/SPK-AMP
AKD4646 AKM-AKD4646 Datasheet
842Kb / 78P
   Stereo CODEC with MIC/SPK-AMP
AKD4646 AKM-AKD4646 Datasheet
734Kb / 81P
   Stereo CODEC with MIC/SPK-AMP
More results

Similar Description - AKD4646-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4643-B AKM-AKD4643-B Datasheet
766Kb / 40P
   Stereo CODEC with built-in MIC/HP/RCV/SPK amplifier
AKD4648-C AKM-AKD4648-C Datasheet
882Kb / 71P
   stereo CODEC with MIC/HP/SPK amplifier
AKD4645-B AKM-AKD4645-B Datasheet
879Kb / 40P
   Stereo CODEC with built-in MIC/HP amplifier
AK4646 AKM-AK4646 Datasheet
822Kb / 79P
   Stereo CODEC with MIC/SPK-AMP
AK4646 AKM-AK4646_11 Datasheet
734Kb / 81P
   Stereo CODEC with MIC/SPK-AMP
AK4646EZ AKM-AK4646EZ Datasheet
842Kb / 78P
   Stereo CODEC with MIC/SPK-AMP
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AKD4644-B AKM-AKD4644-B Datasheet
1Mb / 40P
   Stereo CODEC with built-in MIC/HP/RCV amplifier
AK4649VN AKM-AK4649VN Datasheet
922Kb / 94P
   24bit Stereo CODEC with MIC/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com