Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4620B-B Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AKD4620B-B
Description  24Bit A/D & D/A converter
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4620B-B Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AKD4620B-B_06 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4620B-B_06 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4620B-B_06 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4620B-B_06 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4620B-B_06 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4620B-B_06 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4620B-B_06 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4620B-B_06 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4620B-B_06 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
ASAHI KASEI
[AKD4620B-B]
<KM078901>
2006/06
- 2 -
Evaluation Board Manual
Operation sequence
1) Set up the power supply line
[+15V]
(green)
= +15V
[-15V]
(blue)
= -15V
[GND]
(black)
= 0V
Note:
Each supply line should be distributed from the power supply unit.
2) Set up the evaluation modes, jumper pins and DIP switch. (See the followings.)
3) Power on
The AK4620B should be reset once bringing SW2 (PDN) “L” upon power-up.


Similar Part No. - AKD4620B-B_06

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4620B-B AKM-AKD4620B-B Datasheet
759Kb / 60P
   Evaluation board AK4620B
More results

Similar Description - AKD4620B-B_06

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4556-B AKM-AKD4556-B Datasheet
746Kb / 45P
   24Bit A/D & D/A converter.
AKD4528 AKM-AKD4528_05 Datasheet
373Kb / 45P
   24Bit A/D & D/A converter
AKD4552-A AKM-AKD4552-A Datasheet
329Kb / 33P
   24bit A/D and D/A converter,
AKD5386-B-06 AKM-AKD5386-B-06 Datasheet
590Kb / 25P
   24bit 192kHz A/D converter
AKD5381-B AKM-AKD5381-B Datasheet
173Kb / 20P
   24bit 96kHz A/D converter
AKD5393 AKM-AKD5393_05 Datasheet
885Kb / 23P
   professional audio 24bit A/D converter
AKD4359-SC AKM-AKD4359-SC Datasheet
393Kb / 33P
   the 24bit 8ch D/A converter.
AKD5384 AKM-AKD5384_05 Datasheet
269Kb / 23P
   24bit 96kHz 4ch A/D converter
AKD5358A-B AKM-AKD5358A-B Datasheet
196Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD5366 AKM-AKD5366_07 Datasheet
492Kb / 32P
   digital audio 24bit 48kHz A/D converter,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com