Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4397-SB Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AKD4397-SB
Description  192kHz sampling 32Bit ?誇 DAC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4397-SB Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AKD4397-SB Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4397-SB Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4397-SB Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4397-SB Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4397-SB Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4397-SB Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4397-SB Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4397-SB Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4397-SB Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
[AKD4397-SB]
<KM088503>
6
2007/07
Explanation of each dialog
1. [Write Dialog]
: Dialog to write data by mouse operation
There are dialogs corresponding to each register.
Click the [Write] button corresponding to each register to set up the dialog. If you check the check box, data
becomes “H” or “1”. If not, “L” or “0”.
If you want to write the input data to AK4397, click [OK] button. If not, click [Cancel] button.
2. [Function1 Dialog]
: Dialog to write data by keyboard operation
Address Box:
Input registers address in 2 figures of hexadecimal.
Data Box:
Input registers data in 2 figures of hexadecimal.
If you want to write the input data to AK4397, click [OK] button. If not, click [Cancel] button.
3. [Function2 Dialog] : Dialog to evaluate ATT
Address Box:
Input registers address in 2 figures of hexadecimal.
Start Data Box:
Input starts data in 2 figures of hexadecimal.
End Data Box:
Input end data in 2 figures of hexadecimal.
Interval Box:
Data is written to AK4397 by this interval.
Step Box:
Data changes by this step.
Mode Select Box:
If you check this check box, data reaches end data, and returns to start data.
[Example]
Start Data = 00, End Data = 09
Data flow:
00 01 02 03 04 05 06 07 08 09 09 08 07 06 05 04 03 02 01 00
If you do not check this check box, data reaches end data, but does not return to start data.
[Example]
Start Data = 00, End Data = 09
Data flow:
00 01 02 03 04 05 06 07 08 09
If you want to write the input data to AK4397, click [OK] button. If not, click [Cancel] button.


Similar Part No. - AKD4397-SB

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4397 AKM-AKD4397 Datasheet
530Kb / 37P
   High Performance Premium 32-Bit DAC
More results

Similar Description - AKD4397-SB

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4395-SBW AKM-AKD4395-SBW Datasheet
282Kb / 30P
   192kHz sampling 24Bit ?誇 DAC
AKD4384-SC AKM-AKD4384-SC Datasheet
450Kb / 32P
   192kHz sampling 24Bit ?誇 DAC
AKD4388-SB AKM-AKD4388-SB Datasheet
443Kb / 26P
   192kHz sampling 24Bit ?誇 DAC
AKD4340-SB AKM-AKD4340-SB Datasheet
340Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
AKD4382A-SB AKM-AKD4382A-SB Datasheet
482Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
AKD4385-SC AKM-AKD4385-SC Datasheet
320Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
AKD4341-SB AKM-AKD4341-SB Datasheet
419Kb / 23P
   192kHz sampling 24Bit ?誇 DAC
AKD4394 AKM-AKD4394_07 Datasheet
531Kb / 32P
   192kHz sampling 24Bit ?誇 DAC.
AKD4396-SBW AKM-AKD4396-SBW Datasheet
297Kb / 30P
   192kHz sampling 24Bit ?誇 DAC
AKD4387-SB AKM-AKD4387-SB Datasheet
282Kb / 26P
   192kHz sampling 24Bit DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com