Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD2704B Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD2704B
Description  DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2704B Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD2704B Datasheet HTML 1Page - Advanced Linear Devices ALD2704B Datasheet HTML 2Page - Advanced Linear Devices ALD2704B Datasheet HTML 3Page - Advanced Linear Devices ALD2704B Datasheet HTML 4Page - Advanced Linear Devices ALD2704B Datasheet HTML 5Page - Advanced Linear Devices ALD2704B Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ADVANCED
LINEAR
DEVICES, INC.
ALD2704A/ALD2704B
ALD2704
GENERAL DESCRIPTION
The ALD2704 is a dual monolithic operational amplifier with MOSFET
input that has rail-to-rail input and output voltage ranges. The input
voltage range and output voltage range are very close to the positive and
negative power supply voltages.
Typically the input voltage can be
beyond positive power supply voltage V+ or the negative power supply
voltage V- by up to 300mV. The output voltage swings to within 60mV of
either positive or negative power supply voltages at rated load.
With high impedance load,
the output voltage of the ALD2704 ap-
proaches within 1mV of the power supply rails. This device is designed
as an alternative to the popular J-FET input operational amplifier in
applications where lower operating voltages, such as 9V battery or
±3.25V
to
±6V power supplies are being used. The ALD2704 offers high slew rate
of 5V/
µs. It is designed and manufactured with Advanced Linear Devices'
standard enhanced ACMOS silicon gate CMOS process, and it offers low
unit cost and exceptional reliability.
The rail-to-rail input and output feature of the ALD2704 expands signal
voltage range for a given operating supply voltage and allows numerous
analog serial stages to be implemented without losing operating voltage
margin. The output stage is designed to drive up to 10mA into 400pF
capacitive and 1.5K
Ω resistive loads at unity gain and up to 4000pF at a
gain of 5. Short circuit protection to either ground or the power supply rails
is at approximately 15mA clamp current. Due to complementary output
stage design, the output can source and sink 10mA into a load with
symmetrical drive and is ideally suited for applications where push-pull
voltage drive is desired.
For each of the operational amplifier, the offset voltage is trimmed on-chip
to eliminate the need for external nulling in many applications.
For
precision applications, the output is designed to settle to 0.1% in 2
µs. In
large signal buffer applications, the operational amplifier can function as
an ultrahigh input impedance voltage follower /buffer that allows input and
output voltage swings from positive to negative supply voltages. This
feature is intended to greatly simplify systems design and eliminate higher
voltage power supplies in many applications.
FEATURES
• Rail-to-rail input and output voltage ranges
• Symmetrical push-pull output drives
• Output settles to 2mV of supply rails
• 5.0V/
µs slew rate
• High capacitive load capability -- up to 4000pF
• No frequency compensation required -- unity
gain stable
• Extremely low input bias currents -- <1.0pA
typical (20pA max.)
• Ideal for high source impedance applications
• High voltage gain -- typically 100V/mV
• Output short circuit protected
• Unity gain bandwidth of 2.1MHz
APPLICATIONS
• Voltage amplifier
• Voltage follower/buffer
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable instruments
• Signal conditioning circuits
• Low leakage amplifiers
• Active filters
• Sample/Hold amplifier
• Picoammeter
• Current to voltage converter
• Coaxial cable driver
• Capacitive sensor amplifier
• Piezoelectric transducer amplifier
PIN CONFIGURATION
1
2
3
4
8
7
6
5
TOP VIEW
DA, PA, SA PACKAGE
OUT A
-IN A
+IN A
V+
-IN B
+IN B
V -
OUT B
Operating Temperature Range*
-55
°C to +125°C0°C to +70°C0°C to +70°C
8-Pin
8-Pin
8-Pin
CERDIP
Small Outline
Plastic Dip
Package
Package (SOIC)
Package
ALD2704A DA
ALD2704A SA
ALD2704A PA
ALD2704B DA
ALD2704B SA
ALD2704B PA
ALD2704 DA
ALD2704 SA
ALD2704 PA
ORDERING INFORMATION
* Contact factory for industrial temperature range
© 1998 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com


Similar Part No. - ALD2704B

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2704B ALD-ALD2704B Datasheet
52Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2704B ALD-ALD2704B Datasheet
83Kb / 9P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2704BDA ALD-ALD2704BDA Datasheet
83Kb / 9P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2704BPAL ALD-ALD2704BPAL Datasheet
83Kb / 9P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2704BSAL ALD-ALD2704BSAL Datasheet
83Kb / 9P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - ALD2704B

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2704 ALD-ALD2704 Datasheet
52Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_06 Datasheet
217Kb / 19P
   Rail-to-Rail CMOS Dual Operational Amplifier
TS912 STMICROELECTRONICS-TS912 Datasheet
102Kb / 12P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
April 1999
TS912 STMICROELECTRONICS-TS912_07 Datasheet
205Kb / 18P
   Rail-to-rail CMOS dual operational amplifier
logo
Advanced Linear Devices
ALD2704 ALD-ALD2704_10 Datasheet
83Kb / 9P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912B STMICROELECTRONICS-TS912B Datasheet
1Mb / 21P
   Rail-to-rail CMOS dual operational amplifier
November 2012 Rev 7
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701 Datasheet
74Kb / 6P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2701 ALD-ALD2701_10 Datasheet
84Kb / 9P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS3V912 STMICROELECTRONICS-TS3V912 Datasheet
117Kb / 11P
   3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com