Part Name
         Description
ALD2303A_07

 DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER ( 6 Page)


ALD
100% 
Zoom Out Zoom In
   
 3 page
background image
ALD2303A/ALD2303
Advanced Linear Devices
3
TYPICAL PERFORMANCE CHARACTERISTICS
SATURATION VOLTAGE vs.
SINK CURRENT
OUTPUT SINK CURRENT (mA)
0
1530
4560
75
1.5
1.2
0.9
0.6
0.3
0.0
VS = ±2.5V
-55
°C
25
°C
-25
°C
85
°C
125
°C
TIM E (
µs)
0
1
2
4
3
6
5
7
RESPONSE TIME FOR VARIOUS
INPUT OVERDRIVES
+2.5
0
100
0.0
-2.5
TTL
5mV
10mV
20mV
50mV
TA = 25°C
VS = ±2.5V
50K
0V
VIN
V+
V-
VOUT
+
-
TRANSFER FUNCTION
DIFFERENTIAL INPUT VOLTAGE (mV)
+6.0
-6.0
0.0
+2.5
0.0
-2.5
TA = 25°C
VS = ±6V
RL = 50K
COMMON - MODE VOLTAGE REFERRED
TO SUPPLY VOLTAGE
TEMPERATURE (
°C)
0.5
V+
-0.5
-1.0
0.5
V-
-0.5
-55
-25
0
25
50
125
100
75
VS = ± 2.5 V
TIM E (
µs)
0
1
2
4
36
57
RESPONSE TIME FOR VARIOUS
INPUT OVERDRIVES
+2.5
100
0
0.0
-2.5
TTL
10mV
TA = 25°C
VS = ±2.5V
50K
0V
VIN
V+
V-
VOUT
+
-
SATURATION VOLTAGE
vs. TEMPERATURE
TEM PERATURE (
°C)
-55
-25
0
25
50
125
100
75
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
VS = ± 2.5V
I SINK = 50mA



Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ALD2302A_07DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER 1 2 3 4 5 MoreAdvanced Linear Devices
TS372LOW POWER DUAL CMOS VOLTAGE COMPARATOR 1 2 3 4 5 STMicroelectronics
TS393_05MICROPOWER DUAL CMOS VOLTAGE COMPARATORS 1 2 3 4 5 MoreSTMicroelectronics
TS3702MICROPOWER DUAL CMOS VOLTAGE COMPARATORS 1 2 3 4 5 MoreSTMicroelectronics
LMP7300Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis Coming SoonNational Semiconductor
CAT1026_07Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
ZR4040-25PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE 1 2 3 4 Zetex Semiconductors
ZR25DPRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE 1 2 3 4 Zetex Semiconductors
SMS2916Precision Voltage Supervisory Circuit With Watchdog Timer and 16K I2C Memory 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AU2903Low power dual voltage comparator 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl