Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4380 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AKD4380
Description  96kHz sampling 24Bit?誇DAC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4380 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AKD4380_04 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4380_04 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4380_04 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4380_04 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4380_04 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4380_04 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4380_04 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4380_04 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4380_04 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
ASAHI KASEI
[AKD4380]
<KM061501>
’04/09
- 5 -
MEASUREMENT RESULTS
[Measurement condition]
• Measurement unit : Audio Precision System Two Cascade
• MCLK
: 256fs
• BICK
: 64fs
• fs
: 44.1kHz, 96kHz
• BW
: 10Hz
∼20kHz (fs=44.1kHz), 10Hz∼40kHz (fs=96kHz)
• Bit
: 24bit
• Power Supply
: VDD=5V
• Interface
: DIR (fs=44.1kHz, 96kHz)
• Temperature
: Room
Parameter
Input signal
Measurement filter
fs=44.1kHz
S/(N+D)
1kHz, 0dB
20kLPF
94.0dB
22kLPF
97.2dB
DR
1kHz, -60dB
22kLPF, A-weighted
100.0dB
22kLPF
97.2dB
S/N
no signal
22kLPF, A-weighted
100.0dB
Parameter
Input signal
Measurement filter
fs=96kHz
S/(N+D)
1kHz, 0dB
40kLPF
92.3dB
40kLPF
94.5dB
DR
1kHz, -60dB
22kLPF, A-weighted
97.2dB
40kLPF
94.5dB
S/N
no signal
22kLPF, A-weighted
97.2dB


Similar Part No. - AKD4380_04

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4380 AKM-AKD4380 Datasheet
226Kb / 21P
   100dB 24BIT 96kHz 2CH DAC
AKD4380 AKM-AKD4380 Datasheet
220Kb / 21P
   EVALUATION BOARD REV.A FOR AK4380
More results

Similar Description - AKD4380_04

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4324 AKM-AK4324 Datasheet
166Kb / 18P
   96kHz Sampling 24Bit DS DAC
AKD4395-SBW AKM-AKD4395-SBW Datasheet
282Kb / 30P
   192kHz sampling 24Bit ?誇 DAC
AKD4384-SC AKM-AKD4384-SC Datasheet
450Kb / 32P
   192kHz sampling 24Bit ?誇 DAC
AKD4388-SB AKM-AKD4388-SB Datasheet
443Kb / 26P
   192kHz sampling 24Bit ?誇 DAC
AKD4341-SB AKM-AKD4341-SB Datasheet
419Kb / 23P
   192kHz sampling 24Bit ?誇 DAC
AKD4340-SB AKM-AKD4340-SB Datasheet
340Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
AKD4382A-SB AKM-AKD4382A-SB Datasheet
482Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
AKD4385-SC AKM-AKD4385-SC Datasheet
320Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
AKD4394 AKM-AKD4394_07 Datasheet
531Kb / 32P
   192kHz sampling 24Bit ?誇 DAC.
AKD4396-SBW AKM-AKD4396-SBW Datasheet
297Kb / 30P
   192kHz sampling 24Bit ?誇 DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com