Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4371-B Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AKD4371-B
Description  24bit DAC with Headphone Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4371-B Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AKD4371-B Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4371-B Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4371-B Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4371-B Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4371-B Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4371-B Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4371-B Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4371-B Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4371-B Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
[AKD4371-B]
<KM086201>
2007/07
- 1 -
GENERAL DESCRIPTION
The AKD4371 is an evaluation board for 24bit DAC with Headphone Amplifier, AK4371. The AKD4371
has the interface with AKM’s ADC evaluation boards. Therefore, it’s easy to evaluate the AK4371. The
ADK4370 also has the digital audio interface and can achieve the interface with digital audio systems via
opt-connector.
Ordering guide
AKD4371-B ---
Evaluation board for AK4371
(Cable for connecting with printer port of IBM-AT compatible PC and control software
are packed with this. This control software does not operate on Windows NT.)
FUNCTION
• Compatible with 2 types of interface
- Direct interface with AKM’s A/D converter evaluation boards
- On-board AK4116 as DIR which accepts optical input
• 10pin header for serial control interface
• Mini-jack for external Stereo Speaker
• On-board Class-D Speaker Amplifier (AK7832)
GND
AK4116
(DIR)
Opt In
(PORT1)
DSP
10pin Header
(PORT2)
AK4371
LOUT
Regulator
Vcc (5.0V)
(3.3V)
AK7832
(SPK-Amp)
ROUT
HPL
HPR
Control Data
10pin Header
(PORT3)
HP
SPPR
L/ROUT
SPPL
RIN1
RIN3
RIN2
LIN2
LIN3
MOUT
LIN1
Figure 1. AKD4371 Block Diagram
* Circuit diagram and PCB layout are attached at the end of this manual.
AK4371 Evaluation Board Rev.1
AKD4371-B


Similar Part No. - AKD4371-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4371 AKM-AKD4371 Datasheet
870Kb / 62P
   DAC with built-in PLL & HP-AMP
More results

Similar Description - AKD4371-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4370-B AKM-AKD4370-B Datasheet
850Kb / 30P
   24bit DAC with Headphone Amplifier
AKD4368-B AKM-AKD4368-B Datasheet
586Kb / 32P
   24bit DAC with integrated Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
logo
Wolfson Microelectronic...
WM8711BL WOLFSON-WM8711BL_07 Datasheet
499Kb / 43P
   Ultra-Small Audio DAC with Headphone Amplifier
WM8711BL WOLFSON-WM8711BL_11 Datasheet
380Kb / 44P
   Ultra-Small Audio DAC with Headphone Amplifier
WM8711L WOLFSON-WM8711L_11 Datasheet
445Kb / 44P
   Internet Audio DAC with Integrated Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
logo
Wolfson Microelectronic...
WM8711 WOLFSON-WM8711_10 Datasheet
498Kb / 47P
   Internet Audio DAC with Integrated Headphone Amplifier
logo
Cirrus Logic
WM8711BL CIRRUS-WM8711BL Datasheet
380Kb / 44P
   Ultra-Small Audio DAC with Headphone Amplifier
logo
Wolfson Microelectronic...
WM8711 WOLFSON-WM8711_06 Datasheet
536Kb / 47P
   Internet Audio DAC with Integrated Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com