Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4363 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AKD4363
Description  96kHz 24bit D/A converter with PLL
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4363 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AKD4363_05 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4363_05 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4363_05 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4363_05 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4363_05 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4363_05 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4363_05 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4363_05 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4363_05 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
ASAHI KASEI
[AKD4363]
<KM060703>
2005/04
1
GENERAL DESCRIPTION
The AKD4363 is an evaluation board for AK4363, 96kHz 24bit D/A converter with PLL. The AKD4363 has
a digital interface with AKM’s wave generator using ROM data and AKM’s A/D converter evaluation
boards. Therefore, it is easy to evaluate the AK4363.
Ordering guide
AKD4363
---
Evaluation board for AK4363
(Cable for connecting with printer port of IBM-AT compatible PC
and control software are packed with this.)
FUNCTION
• On-board clock generator
• Compatible with 2 types of interface
- Direct interface with AKM’s A/D converter evaluation boards
and direct interface with AKM’s signal generator(AKD43XX) by 10pin header
- On-board CS8414 as DIR which accepts optical input
• BNC connector for external clock input
• 10pin header for serial control interface
• On-board mute circuit for analog output
AK4363
2.7
∼5.5V
GND
Lch
CS8414
(DIR)
Clock
Generator
ROM
or A/D
10pin Header
Divider
Opt In
Rch
External
Clock
MCKO
MCKI
Control
10pin Header
Mute
DZF
Figure 1. AKD4363 Block Diagram
* Circuit diagram and PCB layout are attached at the end of this manual.
Evaluation board Rev.A for AK4363
AKD4363


Similar Part No. - AKD4363_05

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4363 AKM-AKD4363 Datasheet
248Kb / 29P
   96kHz 24Bit DAC with PLL
AKD4363 AKM-AKD4363 Datasheet
340Kb / 30P
   EVALUATION BOARD REV.A FOR AK4363
More results

Similar Description - AKD4363_05

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5381-B AKM-AKD5381-B Datasheet
173Kb / 20P
   24bit 96kHz A/D converter
AKD5384 AKM-AKD5384_05 Datasheet
269Kb / 23P
   24bit 96kHz 4ch A/D converter
AK4363 AKM-AK4363 Datasheet
248Kb / 29P
   96kHz 24Bit DAC with PLL
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD5365 AKM-AKD5365_06 Datasheet
330Kb / 37P
   digital audio 24bit 96kHz A/D converter
AKD5358A-B AKM-AKD5358A-B Datasheet
196Kb / 20P
   digital audio 24bit 96kHz A/D converter
AK4364 AKM-AK4364 Datasheet
265Kb / 34P
   96kHz 24BIT DAC WITH PLL AND DIT
AK4132 AKM-AK4132 Datasheet
1Mb / 27P
   96kHz 24bit Sample Rate Converter
AK4353 AKM-AK4353 Datasheet
254Kb / 33P
   96kHz 24BIT DAC WITH DIT
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com