Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4363 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AKD4363
Description  96kHz 24bit D/A converter with PLL
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4363 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AKD4363_05 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4363_05 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4363_05 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4363_05 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4363_05 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4363_05 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4363_05 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4363_05 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4363_05 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
ASAHI KASEI
[AKD4363]
<KM060703>
2005/04
6
Control Software Manual
Set-up of evaluation board and control software
1. Set up the AKD4363 Rev.A according to previous term.
2. Connect IBM-AT compatible PC with AKD4363 Rev.A by 10-line type flat cable (packed with AKD4363 Rev.A).
Take care of the direction of 10pin header. (Please install the driver in the CD-ROM when this control software is
used on Windows 2000/XP. Please refer “Installation Manual of Control Software Driver by AKM device control
software”. In case of Windows95/98/ME, this installation is not needed. This control software does not operate on
Windows NT.)
3. Insert the CD-ROM labeled “AKD4363 Rev.A Evaluation Kit” into the CD-ROM drive.
4. Access the CD-ROM drive and double-click the icon of “akd4363.exe” to set up the control program.
5. Then please evaluate according to the follows.
Operation flow
Keep the following flow.
1. Set up the control program according to explanation above.
2. Click “Port Reset” button.
Explanation of each buttons
1. [Port Reset] :
Set up the USB interface board (AKDUSBIF-A) .
2. [Write default] :
Initialize the register of AK4363.
3. [All Write] :
Write all registers that is currently displayed.
4. [Function1] :
Dialog to write data by keyboard operation.
5. [Function2] :
Dialog to write data by keyboard operation.
6. [Function3] :
The sequence of register setting can be set and executed.
7. [Function4] :
The sequence that is created on [Function3] can be assigned to buttons and
executed.
8. [Function5]:
The register setting that is created by [SAVE] function on main window can
be assigned to buttons and executed.
9. [SAVE] :
Save the current register setting.
10. [OPEN] :
Write the saved values to all register.
11. [Write] :
Dialog to write data by mouse operation.
Indication of data
Input data is indicated on the register map. Red letter indicates “H” or “1” and blue one indicates “L” or “0”. Blank is the
part that is not defined in the datasheet.


Similar Part No. - AKD4363_05

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4363 AKM-AKD4363 Datasheet
248Kb / 29P
   96kHz 24Bit DAC with PLL
AKD4363 AKM-AKD4363 Datasheet
340Kb / 30P
   EVALUATION BOARD REV.A FOR AK4363
More results

Similar Description - AKD4363_05

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5381-B AKM-AKD5381-B Datasheet
173Kb / 20P
   24bit 96kHz A/D converter
AKD5384 AKM-AKD5384_05 Datasheet
269Kb / 23P
   24bit 96kHz 4ch A/D converter
AK4363 AKM-AK4363 Datasheet
248Kb / 29P
   96kHz 24Bit DAC with PLL
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD5365 AKM-AKD5365_06 Datasheet
330Kb / 37P
   digital audio 24bit 96kHz A/D converter
AKD5358A-B AKM-AKD5358A-B Datasheet
196Kb / 20P
   digital audio 24bit 96kHz A/D converter
AK4364 AKM-AK4364 Datasheet
265Kb / 34P
   96kHz 24BIT DAC WITH PLL AND DIT
AK4132 AKM-AK4132 Datasheet
1Mb / 27P
   96kHz 24bit Sample Rate Converter
AK4353 AKM-AK4353 Datasheet
254Kb / 33P
   96kHz 24BIT DAC WITH DIT
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com