Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T436416D-7S Datasheet(PDF) 4 Page - Taiwan Memory Technology

Part # T436416D-7S
Description  4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T436416D-7S Datasheet(HTML) 4 Page - Taiwan Memory Technology

  T436416D-7S Datasheet HTML 1Page - Taiwan Memory Technology T436416D-7S Datasheet HTML 2Page - Taiwan Memory Technology T436416D-7S Datasheet HTML 3Page - Taiwan Memory Technology T436416D-7S Datasheet HTML 4Page - Taiwan Memory Technology T436416D-7S Datasheet HTML 5Page - Taiwan Memory Technology T436416D-7S Datasheet HTML 6Page - Taiwan Memory Technology T436416D-7S Datasheet HTML 7Page - Taiwan Memory Technology T436416D-7S Datasheet HTML 8Page - Taiwan Memory Technology T436416D-7S Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
TE
CH
tm
T436416D
TM Technology Inc. reserves the right
P. 4
Publication Date: FEB. 2007
to change products or specifications without notice.
Revision: A
Pin Descriptions (Table 1. Pin Details of T436416D)
Symbol
Type
Description
CLK
Input
Clock: CLK is driven by the system clock. All SDRAM input signals are sampled on the positive edge
of CLK. CLK also increments the internal burst counter and controls the output registers.
CKE
Input
Clock Enable: CKE activates(HIGH) and deactivates(LOW) the CLK signal. If CKE goes low
synchronously with clock(set-up and hold time same as other inputs), the internal clock is suspended
from the next clock cycle and the state of output and burst address is frozen as long as the CKE
remains low. When all banks are in the idle state, deactivating the clock controls the entry to the Power
Down and Self Refresh modes. CKE is synchronous except after the device enters Power Down and
Self Refresh modes, where CKE becomes asynchronous until exiting the same mode. The input
buffers, including CLK, are disabled during Power Down and Self Refresh modes, providing low
standby power.
Bank Select: BA0,BA1 input select the bank for operation.
BA1
BA0
Select Bank
0
0
BANK #A
0
1
BANK #B
1
0
BANK #C
BA0,BA1
Input
1
1
BANK #D
A0-A11
Input
Address Inputs: A0-A11 are sampled during the BankActivate command (row address A0-A11) and
Read/Write command (column address A0-A7 with A10 defining Auto Precharge) to select one
location out of the 1M available in the respective bank. During a Precharge command, A10 is sampled
to determine if all banks are to be precharged (A10 = HIGH). The address inputs also provide the op-
code during a Mode Register Set command.
CS#
Input
Chip Select: CS# enables (sampled LOW) and disables (sampled HIGH) the command decoder. All
commands are masked when CS# is sampled HIGH. CS# provides for external bank selection on
systems with multiple banks. It is considered part of the command code.
RAS#
Input
Row Address Strobe: The RAS# signal defines the operation commands in conjunction with the
CAS# and WE# signals and is latched at the positive edges of CLK. When RAS# and CS# are asserted
"LOW" and CAS# is asserted "HIGH," either the BankActivate command or the Precharge command
is selected by the WE# signal. When the WE# is asserted "HIGH," the BankActivate command is
selected and the bank designated by BS is turned on to the active state. When the WE# is asserted
"LOW," the Precharge command is selected and the bank designated by BS is switched to the idle state
after the precharge operation.
CAS#
Input
Column Address Strobe: The CAS# signal defines the operation commands in conjunction with the
RAS# and WE# signals and is latched at the positive edges of CLK. When RAS# is held "HIGH" and
CS# is asserted "LOW," the column access is started by asserting CAS# "LOW." Then, the Read or
Write command is selected by asserting WE# "LOW" or "HIGH."
WE#
Input
Write Enable: The WE# signal defines the operation commands in conjunction with the RAS# and
CAS# signals and is latched at the positive edges of CLK. The WE# input is used to select the
BankActivate or Precharge command and Read or Write command.
LDQM,
UDQM
Input
Data Input/Output Mask: Controls output buffers in read mode and masks Input data in write mode.
DQ0-DQ15
Input / Output Data I/O: The DQ0-15 input and output data are synchronized with the positive edges of CLK. The
I/Os are maskable during Reads and Writes.
NC/RFU
-
No Connect: These pins should be left unconnected.
VDDQ
Supply
DQ Power: Provide isolated power to DQs for improved noise immunity. ( 3.3V
± 0.3V )
VSSQ
Supply
DQ Ground: Provide isolated ground to DQs for improved noise immunity.( 0 V )
VDD
Supply
Power Supply: +3.3V
± 0.3V
VSS
Supply
Ground


Similar Part No. - T436416D-7S

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T436416A TMT-T436416A Datasheet
712Kb / 29P
   4M X 16 SDRAM
T436416A-10S TMT-T436416A-10S Datasheet
712Kb / 29P
   4M X 16 SDRAM
T436416A-10SG TMT-T436416A-10SG Datasheet
712Kb / 29P
   4M X 16 SDRAM
T436416A-6S TMT-T436416A-6S Datasheet
712Kb / 29P
   4M X 16 SDRAM
T436416A-6SG TMT-T436416A-6SG Datasheet
712Kb / 29P
   4M X 16 SDRAM
More results

Similar Description - T436416D-7S

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T436416C TMT-T436416C Datasheet
651Kb / 28P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V561620 HYNIX-HY57V561620 Datasheet
151Kb / 13P
   4Banks x 4M x 16Bit Synchronous DRAM
logo
Taiwan Memory Technolog...
T4312816B TMT-T4312816B Datasheet
665Kb / 70P
   8M x 16 SDRAM 2M x 16bit x 4Banks Synchronous DRAM
T431616C TMT-T431616C Datasheet
720Kb / 30P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
T431616B TMT-T431616B Datasheet
567Kb / 31P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
T431616D TMT-T431616D Datasheet
756Kb / 74P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
logo
Hynix Semiconductor
HY5Y7A2DLM-HF HYNIX-HY5Y7A2DLM-HF Datasheet
939Kb / 26P
   4Banks x 4M x 32bits Synchronous DRAM
HY57V28820HCT-I HYNIX-HY57V28820HCT-I Datasheet
178Kb / 11P
   4Banks x 4M x 8bits Synchronous DRAM
logo
Samsung semiconductor
K4S561632C SAMSUNG-K4S561632C Datasheet
116Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com