Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4126-A Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AKD4126-A
Description  digital sample rate converter.
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4126-A Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AKD4126-A Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4126-A Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4126-A Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4126-A Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4126-A Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4126-A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4126-A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4126-A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4126-A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ASAHI KASEI
[AKD4126-A]
<KM083203>
2007/01
- 4 -
(1)-1-3. Set up SDTI1, SDTI2 and SDTI3
Select input data to SDTI1, SDTI2 and SDTI3 of the AK4126 (U1). When these jumper pins are set to SDTI
side, SDTO of the AK4114 (U2) is input to SDTI1, SDTI2 and SDTI3. When these jumper pins are set to
GND side, “0” data is input to SDTI1, SDTI2 and SDTI3.
(a) “0” data is input to SDTI1
(b) SDTO of the AK4114 (U2) is input to SDTI1
SD T I1
S D T I1
JP 1
J P 1
G N D
SD TI
SD TI
GN D
(G N D )
(S D T I)
(a) “0” data is input to SDTI2
(b) SDTO of the AK4114 (U2) is input to SDTI2
SD TI2
JP 3
SD TI
G ND
(G N D )
SD TI2
JP 3
GN D
S D T I
(S D T I)
(a) “0” data is input to SDTI3
(b) SDTO of the AK4114 (U2) is input to SDTI3
SD TI3
S D T I3
JP 5
J P 5
SD TI
SD TI
G ND
G N D
(G N D )
(S D T I)
(1)-1-4. Set up PLL Mode and Input Audio Interface Format of the AK4126 (U1)
Set up PLL Mode and Input Audio Interface Format of the AK4126 (U1) by SW1. About setting of
default, please refer to Table1. About setting except default, please refer to Table2 and Table3.
(1)-1-5. Set up Output Audio Interface Format, Clock Mode and Master Clock Frequency of the
AK4114 (U2)
Set up Output Audio Interface Format, Clock Mode and Master Clock Frequency of theAK4114 (U2)
by SW4. About setting of default, please refer to Table4. About setting except default, please refer to
Table5, Table6, and Table7.


Similar Part No. - AKD4126-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4126 AKM-AKD4126 Datasheet
233Kb / 27P
   6ch 192kHz / 24-Bit Asynchronous SRC
More results

Similar Description - AKD4126-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4127-A AKM-AKD4127-A Datasheet
221Kb / 20P
   digital sample rate converter.
AKD4125-A AKM-AKD4125-A Datasheet
206Kb / 20P
   digital sample rate converter.
logo
Cirrus Logic
CS8420 CIRRUS-CS8420 Datasheet
1Mb / 80P
   DIGITAL AUDIO SAMPLE RATE CONVERTER
CS8420 CIRRUS-CS8420_07 Datasheet
1Mb / 94P
   DIGITAL AUDIO SAMPLE RATE CONVERTER
logo
Sanyo Semicon Device
LC78845Q SANYO-LC78845Q Datasheet
144Kb / 10P
   Sample Rate Converter for Digital Audio
logo
Nippon Precision Circui...
SM5849F NPC-SM5849F Datasheet
352Kb / 26P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
   Asynchronous Sample Rate Converter
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
   Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121A AKM-AK4121A_10 Datasheet
374Kb / 20P
   Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com