Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T81L0010B-BL Datasheet(PDF) 9 Page - Taiwan Memory Technology

Part # T81L0010B-BL
Description  8-bit MCU with Embedded EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T81L0010B-BL Datasheet(HTML) 9 Page - Taiwan Memory Technology

Back Button T81L0010B-BL Datasheet HTML 5Page - Taiwan Memory Technology T81L0010B-BL Datasheet HTML 6Page - Taiwan Memory Technology T81L0010B-BL Datasheet HTML 7Page - Taiwan Memory Technology T81L0010B-BL Datasheet HTML 8Page - Taiwan Memory Technology T81L0010B-BL Datasheet HTML 9Page - Taiwan Memory Technology T81L0010B-BL Datasheet HTML 10Page - Taiwan Memory Technology T81L0010B-BL Datasheet HTML 11Page - Taiwan Memory Technology T81L0010B-BL Datasheet HTML 12Page - Taiwan Memory Technology T81L0010B-BL Datasheet HTML 13Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TE
CH
tm
Preliminary T81L0010B
TM Technology Inc. reserves the right
P. 9
Publication Date: JAN. 2006
to change products or specifications without notice.
Revision:A
9.2. External Register Table ( for LVR, EEPROM, High/ Normal Driving)
Register Address
A15…A5-A0
Hex
Name
Comments
100… 0010 1011
802bH
PWMC2
LVR (Low Voltage Reset)*
100… 0011 0000
8030H
Port3 HDS
Port3 I/O high driving set**
100… 0011 0010
8032H
Port1 HDS
Port1 I/O high driving set**
100… 00101000
8028H
SPICON
EEPROM control & setup
100… 0010 1001
8029H
OPCODE
EEPROM opcode
100… 0010 1110
802eH
DATAW_H EEPROM write high byte
100… 0010 1111
802fH
DATAW_L EEPROM write low byte
100… 0010 1100
802cH
DATAR_H
EEPROM read high byte
100… 0010 1101
802dH
DATAR_L
EEPROM read low byte
Note :
* LVR (Low Voltage Reset) address : 802bH, read/write
MSB
LSB
Bit 7
Bit 6
Bit5
Bit 4
Bit 3
Bit 2
Bit1
Bit 0
LVR[7]
LVR[6]
Reserved
LVR[7] : if LVR[7] write ‘1’, low voltage reset function enable.
default is ‘0’, low voltage reset function disable.
LVR[6] : if LVR[6] write ‘1’= 2.1V reset. if LVR[6] write ‘0’= 2.8V reset.
default is ‘0’= 2.8V reset.
** Port I/O high driving set
if write ‘0’ = set I/O to high driving current mode.
if write ‘1’ = set I/O to normal driving current mode.
default is set ‘1’.
Port 3 high driving address : 8030H
MSB
LSB
Bit 7
Bit 6
Bit5
Bit 4
Bit 3
Bit 2
Bit1
Bit 0
Port3.7
Port3.5
Port3.4
Port3.3
Port3.2
Port3.1
Port3.0
Port 1 high driving address : 8032H
MSB
LSB
Bit 7
Bit 6
Bit5
Bit 4
Bit 3
Bit 2
Bit1
Bit 0
Port1.7
Port1.6
Port1.5
Port1.4
Port1.3
Port1.2
Port1.1
Port1.0


Similar Part No. - T81L0010B-BL

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T81L0010A TMT-T81L0010A Datasheet
99Kb / 15P
   8-bit MCU
T81L0010A TMT-T81L0010A Datasheet
104Kb / 17P
   8-bit MCU
T81L0010A-AD TMT-T81L0010A-AD Datasheet
99Kb / 15P
   8-bit MCU
T81L0010A-AD TMT-T81L0010A-AD Datasheet
104Kb / 17P
   8-bit MCU
T81L0010A-AK TMT-T81L0010A-AK Datasheet
99Kb / 15P
   8-bit MCU
More results

Similar Description - T81L0010B-BL

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48E06 HOLTEK-HT48E06 Datasheet
346Kb / 43P
   8-Bit I/O Type MCU (With EEPROM)
48E30 HOLTEK-48E30 Datasheet
351Kb / 44P
   8-Bit I/O Type MCU (With EEPROM)
HT82M9AEE HOLTEK-HT82M9AEE Datasheet
315Kb / 48P
   USB Mouse Encoder 8-Bit MCU with EEPROM
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT82M9BEE HOLTEK-HT82M9BEE_08 Datasheet
305Kb / 44P
   USB Mouse Encoder 8-Bit MCU with EEPROM
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
logo
Hynix Semiconductor
GMS99C58 HYNIX-GMS99C58 Datasheet
628Kb / 34P
   32K FLASH EMBEDDED 8-Bit MCU
logo
Holtek Semiconductor In...
HT82M9BEE HOLTEK-HT82M9BEE Datasheet
323Kb / 47P
   USB Mouse Encoder 8-Bit MCU with EEPROM
HT45R22E HOLTEK-HT45R22E Datasheet
432Kb / 72P
   Remote Type 8-bit OTP MCU with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com