Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T81L0010B-AL Datasheet(PDF) 8 Page - Taiwan Memory Technology

Part # T81L0010B-AL
Description  8-bit MCU with Embedded EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T81L0010B-AL Datasheet(HTML) 8 Page - Taiwan Memory Technology

Back Button T81L0010B-AL Datasheet HTML 4Page - Taiwan Memory Technology T81L0010B-AL Datasheet HTML 5Page - Taiwan Memory Technology T81L0010B-AL Datasheet HTML 6Page - Taiwan Memory Technology T81L0010B-AL Datasheet HTML 7Page - Taiwan Memory Technology T81L0010B-AL Datasheet HTML 8Page - Taiwan Memory Technology T81L0010B-AL Datasheet HTML 9Page - Taiwan Memory Technology T81L0010B-AL Datasheet HTML 10Page - Taiwan Memory Technology T81L0010B-AL Datasheet HTML 11Page - Taiwan Memory Technology T81L0010B-AL Datasheet HTML 12Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TE
CH
tm
Preliminary T81L0010B
TM Technology Inc. reserves the right
P. 8
Publication Date: JAN. 2006
to change products or specifications without notice.
Revision:A
Multiprocessor Communications
Modes 2 and 3 have a special provision for multiprocessor communications. In these modes, 9 data bits are received.
The 9
th one goes into RB8. Then comes a stop bit. The port can be programmed such that when the stop bit is received, the
serial port interrupt will be activated only if RB8 = ‘1’. This feature is enabled by setting bit SM2 in SCON. A way to use
this feature in multiprocessor systems is as follows: When the master processor wants to transmit a block of data to one of
several slaves, it first sends out an address byte which identifies the target slave. An address byte differs from a data byte in
that the 9th bit is ‘1’ in an address byte and ‘0’ in a data byte. With SM2 = ‘1’, no slave will be interrupted by a data byte. An
address byte, however, will interrupt all slaves, so that each slave can examine the received byte and see if it is being
addressed. The addressed slave will clear its SM2 bit and prepare to receive the data bytes that will be coming. The slaves
that weren’t being addressed leave their SM2s set and go on about their business, ignoring the coming data bytes.
SM2 has no effect in Mode 0, in Mode 1 can be used to check the validity of the stop bit. In
Mode 1 reception, if
SM2 = ‘1’, the receive interrupt will not active unless a valid stop bit is received.
Serial Port Control Register
The serial port control and status register is the Special Function Register SCON, shown in Figure 11. This register
contains not only the mode selection bits, but also the 9th data bit for transmit and receive (TB8 and RB8), and the serial port
interrupt bits (TI and RI).
Baud Rates
The baud rate in Mode 0 is fixed: Mode 0 Baud Rate = Oscillator Frequency / 12. The baud rate in Mode 2 depends on
the value of bit SMOD in Special Function Register PCON. If SMOD = ‘0’ (which is the value on reset), the baud rate is 1/64
the oscillator frequency. If SMOD = ‘1’, the baud rate is 1/32 the oscillator frequency.
Mode 2 Baud Rate =2
SMOD/64* (Oscillator Frequency)
In the T81L0010B, the baud rates in Modes 1 and 3 are determined by the Timer 1 overflow rate.
Using Timer 1 to Generate Baud Rates
When Timer 1 is used as the baud rate generator, the baud rates in Modes 1 and 3 are determined by the Timer 1 overflow
rate and the value of SMOD as follows:
Mode 1, 3 Baud Rate =2
SMOD/32* (Timer 1 Overflow Rate)
The Timer 1 interrupt should be disabled in this application. The Timer 1 itself can be configured for either “timer” or
“counter” operation, and in any of its 3 running modes. In the most typical applications, it is configured for “timer” operation,
in the auto-reload mode (high nibble of TMOD = 0010B). In that case the baud rate is given by the formula:
Mode 1, 3 Baud Rate =2
SMOD*(Oscillator Frequency)/ 32/12 / [256 _ (TH1)]
One can achieve very low baud rates with Timer 1 by leaving the Timer 1 interrupt enabled, and configuring the Timer to run
as a 16-bit timer (high nibble of TMOD = 0001B), and using the Timer 1 interrupt to do a 16-bit software reload.
MSB
LSB
SM0
SM1
SM2
REN
TB8
RB8
TI
RI
Where SM0, SM1 specify the serial port mode, as follows:
SM0 SM1
Mode
Description
Baud Rate
0
0
0
shift register
f OSC / 12
0
1
1
8-bit UART
Variable
1
0
2
9-bit UART
UART FOSC /64 or FOSC /32
1
1
3
9-bit UART
Variable
Interrupt Enable Register : IE
MSB
LSB
EA
wdt
ET2
ES
ET1
EX1
ET0
EX0
EA
IE.7
Disables all interrupts. If EA = 0, no interrupt will be acknowledged. If EA = 1, each interrupt source is
individually enabled or disabled by setting or clearing its enable bit.
wdt
IE.6
Watchdog timer refresh flag.
ET2 IE.5
Enable or disable the Timer 2 overflow interrupt.
ES
IE.4
Enable or disable the serial port interrupt.
ET1 IE.3
Enable or disable the Timer 1 overflow interrupt.
EX1
IE.2
Enable or disable External Interrupt 1.
ET0 IE.1
Enable or disable the Timer 0 overflow interrupt.
EX0
IE.0
Enable or disable External Interrupt 0.


Similar Part No. - T81L0010B-AL

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T81L0010A TMT-T81L0010A Datasheet
99Kb / 15P
   8-bit MCU
T81L0010A TMT-T81L0010A Datasheet
104Kb / 17P
   8-bit MCU
T81L0010A-AD TMT-T81L0010A-AD Datasheet
99Kb / 15P
   8-bit MCU
T81L0010A-AD TMT-T81L0010A-AD Datasheet
104Kb / 17P
   8-bit MCU
T81L0010A-AK TMT-T81L0010A-AK Datasheet
99Kb / 15P
   8-bit MCU
More results

Similar Description - T81L0010B-AL

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48E06 HOLTEK-HT48E06 Datasheet
346Kb / 43P
   8-Bit I/O Type MCU (With EEPROM)
48E30 HOLTEK-48E30 Datasheet
351Kb / 44P
   8-Bit I/O Type MCU (With EEPROM)
HT82M9AEE HOLTEK-HT82M9AEE Datasheet
315Kb / 48P
   USB Mouse Encoder 8-Bit MCU with EEPROM
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT82M9BEE HOLTEK-HT82M9BEE_08 Datasheet
305Kb / 44P
   USB Mouse Encoder 8-Bit MCU with EEPROM
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
logo
Hynix Semiconductor
GMS99C58 HYNIX-GMS99C58 Datasheet
628Kb / 34P
   32K FLASH EMBEDDED 8-Bit MCU
logo
Holtek Semiconductor In...
HT82M9BEE HOLTEK-HT82M9BEE Datasheet
323Kb / 47P
   USB Mouse Encoder 8-Bit MCU with EEPROM
HT45R22E HOLTEK-HT45R22E Datasheet
432Kb / 72P
   Remote Type 8-bit OTP MCU with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com