Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T81L0010A-AD Datasheet(PDF) 5 Page - Taiwan Memory Technology

Part # T81L0010A-AD
Description  8-bit MCU
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T81L0010A-AD Datasheet(HTML) 5 Page - Taiwan Memory Technology

  T81L0010A-AD Datasheet HTML 1Page - Taiwan Memory Technology T81L0010A-AD Datasheet HTML 2Page - Taiwan Memory Technology T81L0010A-AD Datasheet HTML 3Page - Taiwan Memory Technology T81L0010A-AD Datasheet HTML 4Page - Taiwan Memory Technology T81L0010A-AD Datasheet HTML 5Page - Taiwan Memory Technology T81L0010A-AD Datasheet HTML 6Page - Taiwan Memory Technology T81L0010A-AD Datasheet HTML 7Page - Taiwan Memory Technology T81L0010A-AD Datasheet HTML 8Page - Taiwan Memory Technology T81L0010A-AD Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TE
CH
tm
T81L0010A
TM Technology Inc. reserves the right
P. 5
Publication Date: JAN. 2006
to change products or specifications without notice.
Revision:B
7. Temperature Limit Ratings
Parameter
Rating
Units
Operating temperature Range
-40 to +85
°C
Storage Temperature Range
-55 to +125
°C
8. Electrical Characteristics
D.C Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC
Operating Voltage
25°C
3.0
3.3
3.6
V
No load, Vcc=2.5V, 4MHz
-
-
1.6
mA
ICC
Operating Current
No load, Vcc=3.3V, 12MHz
-
-
6
mA
IPD
Power Down Current
Vcc=3.3V
-
0.1
1
uA
VIH
Hi-Level input voltage
Vout >=VVOH(MIN.)
Vout <=VVOL(MIN.)
2.1
-
-
V
VIL
Low-Level input voltage
Vout >=VVOH(MIN.)
Vout <=VVOL(MIN.)
-
-
0.6
V
IOH=-7uA
2.9
IOH=-45uA
2.4
VOH
Hi-Level Output voltage
VCC=MIN.
VI=VIH or
VIL
IOH=-70uA
1.9
-
-
V
IOL=12mA
0.2
IOL=25mA
0.4
VOL
Low-Level Output voltage
VCC=MIN.
VI=VIH or
VIL
IOL=40mA
-
-
0.6
V
A.C Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
FSYS1
System Clock 1
(Crystal OSC)
VCC=3.3V
-
12
24
MHz
FSYS2
System Clock 2
(RC OSC)
VCC=3.3V
-
12
-
MHz
tRES
External Reset High Pulse Width
-
10
-
system cycle
Power ON Start up Time
-
20
-
ms


Similar Part No. - T81L0010A-AD

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T81L0010A-AD TMT-T81L0010A-AD Datasheet
99Kb / 15P
   8-bit MCU
More results

Similar Description - T81L0010A-AD

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T81L0003B TMT-T81L0003B Datasheet
100Kb / 16P
   8-bit MCU
logo
ELAN Microelectronics C...
EM78P803A EMC-EM78P803A Datasheet
1Mb / 41P
   8-bit MCU
logo
Taiwan Memory Technolog...
T81L0010A TMT-T81L0010A Datasheet
99Kb / 15P
   8-bit MCU
logo
ELAN Microelectronics C...
EM78P803B EMC-EM78P803B Datasheet
543Kb / 44P
   8-bit MCU
logo
Holtek Semiconductor In...
HT95R24 HOLTEK-HT95R24 Datasheet
365Kb / 53P
   Phone 8-bit MCU
HT95R25 HOLTEK-HT95R25 Datasheet
354Kb / 51P
   Phone 8-bit MCU
logo
Zilog, Inc.
Z86318 ZILOG-Z86318 Datasheet
265Kb / 26P
   Z8 MCU 8-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
   Remote Type 8-bit MCU
HT36A1 HOLTEK-HT36A1 Datasheet
286Kb / 39P
   Music Synthesizer 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com