Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T81L0010A-BK Datasheet(PDF) 6 Page - Taiwan Memory Technology

Part # T81L0010A-BK
Description  8-bit MCU
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T81L0010A-BK Datasheet(HTML) 6 Page - Taiwan Memory Technology

Back Button T81L0010A-BK Datasheet HTML 2Page - Taiwan Memory Technology T81L0010A-BK Datasheet HTML 3Page - Taiwan Memory Technology T81L0010A-BK Datasheet HTML 4Page - Taiwan Memory Technology T81L0010A-BK Datasheet HTML 5Page - Taiwan Memory Technology T81L0010A-BK Datasheet HTML 6Page - Taiwan Memory Technology T81L0010A-BK Datasheet HTML 7Page - Taiwan Memory Technology T81L0010A-BK Datasheet HTML 8Page - Taiwan Memory Technology T81L0010A-BK Datasheet HTML 9Page - Taiwan Memory Technology T81L0010A-BK Datasheet HTML 10Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TE
CH
tm
T81L0010A
TM Technology Inc. reserves the right
P. 6
Publication Date: JAN. 2006
to change products or specifications without notice.
Revision:B
9. Function Description
9.1. Special Function Register
F8H
F0H
B
E8H
E0H
ACC
D8H
D0H
PSW
C8H
T2CON T2MOD
TL2
TH2
C0H
B8H
IP
B0H
P3
A8H
IE
A0H
P2
98H
SCON
SBUF
90H
P1
88H
TCON
TMOD
TL0
TL1
TH0
TH1
80H
P0*
SP
DPL
DPH
PCON
*Note: P0:Internal still keeping, but for pad dominate, no external pin assignment
Accumulator : ACC
ACC is the Accumulator register. The mnemonics for Accumulator-Specific instructions, however, refer to the
Accumulator simply as A.
B Register : B
The B register is used during multiply and divide operations. For other instructions it can be treated as another scratch
pad register.
Program Status Word : PSW
The PSW register contains program status information as detailed in
CY
AC
F0
RS1
RS0
OV
--
P
BIT SYMBOL FUNCTION
PSW.7
CY
Carry flag.
PSW.6
AC
Auxiliary Carry flag. (For BCD operations.)
PSW.5
F0
Flag 0. (Available to the user for general purposes.)
PSW.4
RS1
Register bank select control bit 1.
Set/cleared by software to determine working register bank. (See Note.)
PSW.3
RS0
Register bank select control bit 0.
Set/cleared by software to determine working register bank. (See Note.)
PSW.2
OV
Overflow flag.
PSW.1
User-definable flag.
PSW.0
P
Parity flag.
Set/cleared by hardware each instruction cycle to indicate an odd/even number of “one” bits in the
Accumulator, i.e., even parity.
NOTE: The contents of (RS1, RS0) enable the working register banks as follows:
(0,0)— Bank 0 (00H–07H)
(0,1)— Bank 1 (08H–0fH)
(1,0)— Bank 2 (10H–17H)
(1,1)— Bank 3 (18H–17H)


Similar Part No. - T81L0010A-BK

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T81L0010A-BK TMT-T81L0010A-BK Datasheet
99Kb / 15P
   8-bit MCU
More results

Similar Description - T81L0010A-BK

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T81L0003B TMT-T81L0003B Datasheet
100Kb / 16P
   8-bit MCU
logo
ELAN Microelectronics C...
EM78P803A EMC-EM78P803A Datasheet
1Mb / 41P
   8-bit MCU
logo
Taiwan Memory Technolog...
T81L0010A TMT-T81L0010A Datasheet
99Kb / 15P
   8-bit MCU
logo
ELAN Microelectronics C...
EM78P803B EMC-EM78P803B Datasheet
543Kb / 44P
   8-bit MCU
logo
Holtek Semiconductor In...
HT95R24 HOLTEK-HT95R24 Datasheet
365Kb / 53P
   Phone 8-bit MCU
HT95R25 HOLTEK-HT95R25 Datasheet
354Kb / 51P
   Phone 8-bit MCU
logo
Zilog, Inc.
Z86318 ZILOG-Z86318 Datasheet
265Kb / 26P
   Z8 MCU 8-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
   Remote Type 8-bit MCU
HT36A1 HOLTEK-HT36A1 Datasheet
286Kb / 39P
   Music Synthesizer 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com