Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9864G2GH-5 Datasheet(PDF) 11 Page - Winbond

Part # W9864G2GH-5
Description  512K X 4 BANKS X 32BITS SDRAM
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9864G2GH-5 Datasheet(HTML) 11 Page - Winbond

Back Button W9864G2GH-5 Datasheet HTML 7Page - Winbond W9864G2GH-5 Datasheet HTML 8Page - Winbond W9864G2GH-5 Datasheet HTML 9Page - Winbond W9864G2GH-5 Datasheet HTML 10Page - Winbond W9864G2GH-5 Datasheet HTML 11Page - Winbond W9864G2GH-5 Datasheet HTML 12Page - Winbond W9864G2GH-5 Datasheet HTML 13Page - Winbond W9864G2GH-5 Datasheet HTML 14Page - Winbond W9864G2GH-5 Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
W9864G2GH
Publication Release Date:Aug. 13, 2007
- 11 -
Revision A09
7.14 Auto-precharge Command
If A10 is set to high when the Read or Write Command is issued, then the Auto-precharge function is
entered. During Auto-precharge, a Read Command will execute as normal with the exception that the
active bank will begin to precharge automatically before all burst read cycles have been completed.
Regardless of burst length, it will begin a certain number of clocks prior to the end of the scheduled
burst cycle. The number of clocks is determined by CAS Latency.
A Read or Write Command with Auto-precharge cannot be interrupted before the entire burst
operation is completed for the same bank. Therefore, use of a Read, Write, or Precharge Command is
prohibited during a read or write cycle with Auto-precharge. Once the precharge operation has started,
the bank cannot be reactivated until the Precharge time (tRP) has been satisfied. Issue of Auto-
precharge command is illegal if the burst is set to full page length. If A10 is high when a Write
Command is issued, the Write with Auto-precharge function is initiated. The SDRAM automatically
enters the precharge operation two clocks delay from the last burst write cycle. This delay is referred
to as write tWR. The bank undergoing Auto-precharge cannot be reactivated until tWR and tRP are
satisfied. This is referred to as tDAL, Data-in to Active delay (tDAL = tWR + tRP). When using the Auto-
precharge Command, the interval between the Bank Activate Command and the beginning of the
internal precharge operation must satisfy tRAS (min).
7.15 Precharge Command
The Precharge Command is used to precharge or close a bank that has been activated. The
Precharge Command is entered when CS , RAS and WE are low and CAS is high at the rising
edge of the clock. The Precharge Command can be used to precharge each bank separately or all
banks simultaneously. Three address bits, A10, BS0 and BS1 are used to define which bank(s) is to
be precharged when the command is issued. After the Precharge Command is issued, the precharged
bank must be reactivated before a new read or write access can be executed. The delay between the
Precharge Command and the Activate Command must be greater than or equal to the Precharge time
(tRP).
7.16 Self Refresh Command
The Self Refresh Command is defined by having CS , RAS , CAS and CKE held low with WE
high at the rising edge of the clock. All banks must be idle prior to issuing the Self Refresh Command.
Once the command is registered, CKE must be held low to keep the device in Self Refresh mode.
When the SDRAM has entered Self Refresh mode all of the external control signals, except CKE, are
disabled. The clock is internally disabled during Self Refresh Operation to save power. The device will
exit Self Refresh operation after CKE is returned high. A minimum delay time is required when the
device exits Self Refresh Operation and before the next command can be issued. This delay is equal
to the tAC cycle time plus the Self Refresh exit time.
If, during normal operation, AUTO REFRESH cycles are issued in bursts (as opposed to being evenly
distributed), a burst of 4,096 AUTO REFRESH cycles should be completed just prior to entering and
just after exiting the self refresh mode.


Similar Part No. - W9864G2GH-5

ManufacturerPart #DatasheetDescription
logo
Winbond
W9864G2IB WINBOND-W9864G2IB Datasheet
678Kb / 42P
   512K 횞 4 BANKS 횞 32BITS SDRAM
W9864G2IH WINBOND-W9864G2IH Datasheet
667Kb / 43P
   512K 횞 4 BANKS 횞 32BITS SDRAM
W9864G2JH WINBOND-W9864G2JH Datasheet
788Kb / 43P
   512K ??4 BANKS ??32BITS SDRAM
W9864G2JH WINBOND-W9864G2JH Datasheet
862Kb / 43P
   512K x 4 BANKS x 32BITS SDRAM
W9864G2JH-5 WINBOND-W9864G2JH-5 Datasheet
862Kb / 43P
   512K x 4 BANKS x 32BITS SDRAM
More results

Similar Description - W9864G2GH-5

ManufacturerPart #DatasheetDescription
logo
Winbond
W9864G2JH WINBOND-W9864G2JH_13 Datasheet
862Kb / 43P
   512K x 4 BANKS x 32BITS SDRAM
W9864G2JH WINBOND-W9864G2JH Datasheet
788Kb / 43P
   512K ??4 BANKS ??32BITS SDRAM
W9864G2IH WINBOND-W9864G2IH Datasheet
667Kb / 43P
   512K 횞 4 BANKS 횞 32BITS SDRAM
W9864G2IB WINBOND-W9864G2IB Datasheet
678Kb / 42P
   512K 횞 4 BANKS 횞 32BITS SDRAM
W986432AH WINBOND-W986432AH Datasheet
1Mb / 44P
   512K x 4 BANKS x 32 BITS SDRAM
logo
Integrated Silicon Solu...
IS43LR32200B ISSI-IS43LR32200B Datasheet
1Mb / 42P
   512K x 32Bits x 4Banks Mobile DDR SDRAM
logo
Winbond
W946432AD WINBOND-W946432AD Datasheet
462Kb / 40P
   512K X 4 BANKS X 32 BITS DDR SDRAM
logo
Micron Technology
MT48LC2M32B2TG-7ITG MICRON-MT48LC2M32B2TG-7ITG Datasheet
3Mb / 80P
   SDR SDRAM MT48LC2M32B2 ??512K x 32 x 4 Banks
logo
Ceramate Technical
50S116T CERAMATE-50S116T Datasheet
1Mb / 22P
   SDRAM(512K X 2 BANKS X 16 BITS SDRAM)
logo
Samsung semiconductor
K4S64323LH SAMSUNG-K4S64323LH Datasheet
141Kb / 12P
   512K x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com