Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83303AD Datasheet(PDF) 6 Page - Winbond

Part # W83303AD
Description  Advanced ACPI Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83303AD Datasheet(HTML) 6 Page - Winbond

Back Button W83303AD Datasheet HTML 2Page - Winbond W83303AD Datasheet HTML 3Page - Winbond W83303AD Datasheet HTML 4Page - Winbond W83303AD Datasheet HTML 5Page - Winbond W83303AD Datasheet HTML 6Page - Winbond W83303AD Datasheet HTML 7Page - Winbond W83303AD Datasheet HTML 8Page - Winbond W83303AD Datasheet HTML 9Page - Winbond W83303AD Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
W83303AD/W83303AG
- 4 -
Pin Descriptions, continued
NO
NAME
I/O
FUNCTION DESCRIPTION
26
1.2V_SEN
I
27
1.2V_DRV
O
1.2VCC voltage regulator for Intel® P4 CPU application.
28
5VSB
P
Power Pin
29
C1
I
30
C2
I
31
CHRPMP
P
Charge pump pins. It supports 10mA driving current and insures output
voltage 9V or above.
32
AGND
P
Power pin
33
VPCI_DRV
O
34
VPCI_SEN
I
1.5V Voltage Regulator for PCI Express. If this power plane won’t be
used, the VPCI_SEN must be connected to 3VDUAL to avoid the fault
trigger of LUV event.
35
VCC
P
Power pin
36
LR1_DRV
O
37
LR1_SEN
I
38
LR2_DRV
O
39
LR2_SEN
I
Linear Regulators ranging form 1.2V to 5V and can be adjusted by
external resistors
40
DDRDET#
I
A signal to indicate type of DDRRAM that plugged- in; low means 2.6V for
DDR and high means 1.8V for DDRII.
41
FAULT#
I
Fault event be monitored; the chip shut the ATX power supply down
directly by control the PS_ON# signal as long as the fault events are
triggered.
42
PS_IN#
Power on signal. Low active.
43
PW_BUT#
I
System PW_BUT for power sequence monitoring.
44
PS_OUT#
O
Pin to control ATX power supply.
45
DGND
P
Power ground.
46
PWR_OK
I
Power good input signal of ATX power supply.
47
A0
I
I2C address selecting pin.
48
D5VSB
P
Power pin.
*VRGOOD & TYPEDET# can endure 0-12V level voltage.


Similar Part No. - W83303AD

ManufacturerPart #DatasheetDescription
logo
Winbond
W83301 WINBOND-W83301 Datasheet
212Kb / 16P
   ACPI-STR Controller
W83301DR-O WINBOND-W83301DR-O Datasheet
221Kb / 13P
   ACPI-STR Controller
W83301R WINBOND-W83301R Datasheet
212Kb / 16P
   ACPI-STR Controller
W83304D WINBOND-W83304D Datasheet
373Kb / 16P
   ACPI Controller For AMD Claw Hammer TM CPU
W83304G WINBOND-W83304G Datasheet
373Kb / 16P
   ACPI Controller For AMD Claw Hammer TM CPU
More results

Similar Description - W83303AD

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1544 SEMTECH-SC1544 Datasheet
259Kb / 15P
   ACPI Controller for Advanced Motherboards
logo
Feature Integration Tec...
F72568 FINTEK-F72568 Datasheet
737Kb / 24P
   Advanced ACPI Controller IC Datasheet
logo
List of Unclassifed Man...
OZ6812 ETC-OZ6812 Datasheet
105Kb / 13P
   ACPI CardBus Controller
OZ6833 ETC-OZ6833 Datasheet
118Kb / 15P
   ACPI CardBus Controller
logo
Fairchild Semiconductor
RC5060 FAIRCHILD-RC5060 Datasheet
136Kb / 15P
   ACPI Switch Controller
logo
Winbond
W83301DR-O WINBOND-W83301DR-O Datasheet
221Kb / 13P
   ACPI-STR Controller
logo
List of Unclassifed Man...
OZ6933 ETC-OZ6933 Datasheet
126Kb / 15P
   ACPI CardBus Controller
logo
Winbond
W83301R WINBOND-W83301R Datasheet
212Kb / 16P
   ACPI-STR Controller
logo
Fairchild Semiconductor
FAN5067 FAIRCHILD-FAN5067 Datasheet
101Kb / 14P
   ACPI Dual Switch Controller
FAN5063 FAIRCHILD-FAN5063 Datasheet
196Kb / 14P
   ACPI Dual Switch Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com