Part Name
         Description
W83303AD

 Advanced ACPI Controller ( 19 Page)


WINBOND
100% 
Zoom Out Zoom In
 
 5 page
background image
W83303AD/W83303AG
Publication Release Date: Jan. 9, 2006
- 3 -
Revision 0.52
3.
PIN DESCRIPTIONS
NO
NAME
I/O
FUNCTION DESCRIPTION
1
S3#
I
2
S5#
I
SYSTEM ACPI CONTROL SIGNALS
3
I2C_DATA
I/O
4
I2C_CLK
I
I2C Interface, and the default ID value are defined as 5CH (0101 110X) as
well as 5EH (0101 111X), and X is used to control read/write.
5
RSMRST#
OD
A signal to indicate 3VDUAL power status. The signal will be issued after
82ms delay when the level of 3VDUAL higher than 2.8V
6
PWM_MODE
I
0=Internal RAM for Linear Mode;
1= external RAM for PWM Mode
7
LR3_SEN
I
8
LR3_DRV
O
Linear Regulators ranging form 1.2V to 5V and can be adjusted by
external resistors
9
AGND
P
Power ground
10
5VUSB
O
11
5VSBDRV
O
12
5VDRV
O
Power switch for USB devises provides a programmable Voltage
(5VDUAL/5VSTR/ 5VCC) for USB devices. It can be set by register CR00
13
3.3V_SEN
I
14
3.3VSB_DRV
O
3.3VDUAL Voltage regulator
15
VCC3
P
Power 3.3Vcc
16
SS
I
Soft-Start pin. Attach a capacitor to this pin to determine the soft-start rate;
and the slew-rate of SS is set by adjust the capacity of the external
capacitor.
17
ISET
I
Attached a specific external resistor to determine the internal reference
current.
18
5VSB
P
Power Pin
19
I_SEN2
I
20
VRAM_DRV2
O
21
VRAM_SEN
I
22
I_SEN1
I
23
VRAM_DRV1
O
2 channels of VSTR output for DDR or DDRII with internal current sharing
design to balance the current on the channels. In which I_SEN1 & I_SEN2
pins should be connected together to 5VSB or 3VDUAL if only one
channel used. The DDR or DDRII determine by DDRDET#. If DDRDET#
=0 VRAM=DDR(2.6V) ; DDRDET#=1 VRAM=DDRII(1.8V).
24
AGND
P
Power ground
25
VRGOOD
OD
The signal is applied for the Intel® Northwood CPU using; it’s a signal to
declare the CPU VID status.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FDC37B72X_07128 Pin Enhanced Super I/O Controller with ACPI Support 1 2 3 4 5 MoreSMSC Corporation
SAB82C257Advanced DMA Controller for 16-Bit Microcomputer Sytems ADMA 1 2 Siemens Semiconductor Group
HIP6021_05Advanced PWM and Triple Linear Power Controller 1 2 3 4 5 MoreIntersil Corporation
FDC37B78X_07Super I/O Controller with ACPI Support Real Time Clock and Consumer IR 1 2 3 4 5 MoreSMSC Corporation
SCN2674Advanced Video Display Controller AVDC 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HIP6020A_01Advanced Dual PWM and Dual Linear Power Controller 1 2 3 4 5 MoreIntersil Corporation
HIP6501A_04Triple Linear Power Controller with ACPI Control Interface 1 2 3 4 5 MoreIntersil Corporation
HIP6021A_01Advanced PWM and Triple Linear Power Controller 1 2 3 4 5 MoreIntersil Corporation
AMC8520SINGLE PHASE VARIABLE SPEED ADVANCED FAN CONTROLLER 1 2 List of Unclassifed Manufacturers
HIP6500_00Multiple Linear Power Controller with ACPI Control Interface 1 2 3 4 5 MoreIntersil Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl