Electronic Components Datasheet Search |
|
T81L0010A-AK Datasheet(PDF) 8 Page - Taiwan Memory Technology |
|
T81L0010A-AK Datasheet(HTML) 8 Page - Taiwan Memory Technology |
8 / 17 page TE CH tm T81L0010A TM Technology Inc. reserves the right P. 8 Publication Date: JAN. 2006 to change products or specifications without notice. Revision:B Multiprocessor Communications Modes 2 and 3 have a special provision for multiprocessor communications. In these modes, 9 data bits are received. The 9 th one goes into RB8. Then comes a stop bit. The port can be programmed such that when the stop bit is received, the serial port interrupt will be activated only if RB8 = ‘1’. This feature is enabled by setting bit SM2 in SCON. A way to use this feature in multiprocessor systems is as follows: When the master processor wants to transmit a block of data to one of several slaves, it first sends out an address byte which identifies the target slave. An address byte differs from a data byte in that the 9th bit is ‘1’ in an address byte and ‘0’ in a data byte. With SM2 = ‘1’, no slave will be interrupted by a data byte. An address byte, however, will interrupt all slaves, so that each slave can examine the received byte and see if it is being addressed. The addressed slave will clear its SM2 bit and prepare to receive the data bytes that will be coming. The slaves that weren’t being addressed leave their SM2s set and go on about their business, ignoring the coming data bytes. SM2 has no effect in Mode 0, in Mode 1 can be used to check the validity of the stop bit. In Mode 1 reception, if SM2 = ‘1’, the receive interrupt will not active unless a valid stop bit is received. Serial Port Control Register The serial port control and status register is the Special Function Register SCON, shown in Figure 11. This register contains not only the mode selection bits, but also the 9th data bit for transmit and receive (TB8 and RB8), and the serial port interrupt bits (TI and RI). Baud Rates The baud rate in Mode 0 is fixed: Mode 0 Baud Rate = Oscillator Frequency / 12. The baud rate in Mode 2 depends on the value of bit SMOD in Special Function Register PCON. If SMOD = ‘0’ (which is the value on reset), the baud rate is 1/64 the oscillator frequency. If SMOD = ‘1’, the baud rate is 1/32 the oscillator frequency. Mode 2 Baud Rate =2 SMOD/64* (Oscillator Frequency) In the T81L0010A, the baud rates in Modes 1 and 3 are determined by the Timer 1 overflow rate. Using Timer 1 to Generate Baud Rates When Timer 1 is used as the baud rate generator, the baud rates in Modes 1 and 3 are determined by the Timer 1 overflow rate and the value of SMOD as follows: Mode 1, 3 Baud Rate =2 SMOD/32* (Timer 1 Overflow Rate) The Timer 1 interrupt should be disabled in this application. The Timer 1 itself can be configured for either “timer” or “counter” operation, and in any of its 3 running modes. In the most typical applications, it is configured for “timer” operation, in the auto-reload mode (high nibble of TMOD = 0010B). In that case the baud rate is given by the formula: Mode 1, 3 Baud Rate =2 SMOD*(Oscillator Frequency)/ 32/12 / [256 _ (TH1)] One can achieve very low baud rates with Timer 1 by leaving the Timer 1 interrupt enabled, and configuring the Timer to run as a 16-bit timer (high nibble of TMOD = 0001B), and using the Timer 1 interrupt to do a 16-bit software reload. MSB LSB SM0 SM1 SM2 REN TB8 RB8 TI RI Where SM0, SM1 specify the serial port mode, as follows: SM0 SM1 Mode Description Baud Rate 0 0 0 shift register f OSC / 12 0 1 1 8-bit UART Variable 1 0 2 9-bit UART UART FOSC /64 or FOSC /32 1 1 3 9-bit UART Variable Interrupt Enable Register : IE MSB LSB EA wdt ET2 ES ET1 EX1 ET0 EX0 EA IE.7 Disables all interrupts. If EA = 0, no interrupt will be acknowledged. If EA = 1, each interrupt source is individually enabled or disabled by setting or clearing its enable bit. wdt IE.6 Watchdog timer refresh flag. ET2 IE.5 Enable or disable the Timer 2 overflow interrupt. ES IE.4 Enable or disable the serial port interrupt. ET1 IE.3 Enable or disable the Timer 1 overflow interrupt. EX1 IE.2 Enable or disable External Interrupt 1. ET0 IE.1 Enable or disable the Timer 0 overflow interrupt. EX0 IE.0 Enable or disable External Interrupt 0. |
Similar Part No. - T81L0010A-AK |
|
Similar Description - T81L0010A-AK |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |