Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T81L0010A-AK Datasheet(PDF) 7 Page - Taiwan Memory Technology

Part # T81L0010A-AK
Description  8-bit MCU
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T81L0010A-AK Datasheet(HTML) 7 Page - Taiwan Memory Technology

Back Button T81L0010A-AK Datasheet HTML 3Page - Taiwan Memory Technology T81L0010A-AK Datasheet HTML 4Page - Taiwan Memory Technology T81L0010A-AK Datasheet HTML 5Page - Taiwan Memory Technology T81L0010A-AK Datasheet HTML 6Page - Taiwan Memory Technology T81L0010A-AK Datasheet HTML 7Page - Taiwan Memory Technology T81L0010A-AK Datasheet HTML 8Page - Taiwan Memory Technology T81L0010A-AK Datasheet HTML 9Page - Taiwan Memory Technology T81L0010A-AK Datasheet HTML 10Page - Taiwan Memory Technology T81L0010A-AK Datasheet HTML 11Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TE
CH
tm
T81L0010A
TM Technology Inc. reserves the right
P. 7
Publication Date: JAN. 2006
to change products or specifications without notice.
Revision:B
Stack Pointer : SP
The Stack Pointer register is 8 bits wide. It is incremented before data is stored during PUSH and CALL executions.
While the stack may reside anywhere in on-chip RAM, the Stack Pointer is initialized to 07H after a reset. This causes the
stack to begin at locations 08H.
Data Pointer (DPTR) : DPH & DPL
The Data Pointer (DPTR) consists of a high byte (DPH) and a low byte (DPL). Its intended function is to hold a 16-bit
address. It may be manipulated as a 16-bit register or as two independent 8-bit registers.
Ports 1.0~1.7 & 3.0~3.5 & 3.7
All Ports are the SFR latches, respectively. Writing a one to a bit of a port SFR (P1 or P3) causes the corresponding
port output pin to switch high. Writing a zero causes the port output pin to switch low. When used as an input, the external
state of a port pin will be held in the port SFR (i.e., if the external state of a pin is low, the corresponding port SFR bit will
contain a ‘0’; if it is high, the bit will contain a ‘1’).
Serial Data Buffer : SBUF
The Serial Buffer is actually two separate registers, a transmit buffer and a receive buffer. When data is moved to
SBUF, it goes to the transmit buffer and is held for serial transmission. (Moving a byte to SBUF is what initiates the
transmission.) When data is moved from SBUF, it comes from the receive buffer.
Timer Registers : TH0, TL0, TH1, TL1,TH2,TL2
Register pairs (TH0, TL0) and (TH1, TL1) and (TH2, TL2) are 16-bit Counting registers for Timer/Counters 0 and
Timer1and Timer2, respectively.
.
Control Register : IP, IE, TMOD, TCON, SCON, PCON
Special Function Registers IP, IE, TMOD, TCON, SCON, and PCON contain control and status bits for the interrupt
system, the Timer/Counters, and the serial port. They are described in later sections.
Standard Serial Interface
The serial port is full duplex, meaning it can transmit and receive simultaneously. It is also receive-buffered, meaning it
can commence reception of a second byte before a previously received byte has been read from the register. (However, if the
first byte still hasn’t been read by the time reception of the second byte is complete, one of the bytes will be lost.) The serial
port receive and transmit registers are both accessed at Special Function Register SBUF. Writing to SBUF loads the transmit
register, and reading SBUF accesses a physically separate receive register.
The serial port can operate in 4 modes:
Mode 0: Serial data enters and exits through RxD. TxD outputs the shift clock. 8 bits are transmitted/received (LSB first).
The baud rate is fixed at 1/12 the oscillator frequency.
Mode 1: 10 bits are transmitted (through TxD) or received (through RxD): a start bit (0), 8 data bits (LSB first), and a stop
bit (1). On receive, the stop bit goes into RB8 in Special Function Register SCON. The baud rate is variable.
Mode 2: 11 bits are transmitted (through TxD) or received (through RxD): start bit (0), 8 data bits (LSB first), a
programmable 9th data bit, and a stop bit (1). On Transmit, the 9th data bit (TB8 in SCON) can be assigned the value of 0 or
1. Or, for example, the parity bit (P, in the PSW) could be moved into TB8. On receive, the 9th data bit goes into RB8 in
Special Function Register SCON, while the stop bit is ignored. The baud rate is programmable to either 1/32 or 1/64 the
oscillator frequency.
Mode 3: 11 bits are transmitted (through TxD) or received (through RxD): a start bit (0), 8 data bits (LSB first), a
programmable 9th data bit, and a stop bit (1). In fact, Mode 3 is the same as Mode 2 in all respects except baud rate. The
baud rate in Mode 3 is variable. In all four modes, transmission is initiated by any instruction that uses SBUF as a destination
register. Reception is initiated in Mode 0 by the condition RI = ‘0’ and REN = ‘1’. Reception is initiated in the other modes
by the incoming start bit if REN = ‘1’.


Similar Part No. - T81L0010A-AK

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T81L0010A-AK TMT-T81L0010A-AK Datasheet
99Kb / 15P
   8-bit MCU
More results

Similar Description - T81L0010A-AK

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T81L0003B TMT-T81L0003B Datasheet
100Kb / 16P
   8-bit MCU
logo
ELAN Microelectronics C...
EM78P803A EMC-EM78P803A Datasheet
1Mb / 41P
   8-bit MCU
logo
Taiwan Memory Technolog...
T81L0010A TMT-T81L0010A Datasheet
99Kb / 15P
   8-bit MCU
logo
ELAN Microelectronics C...
EM78P803B EMC-EM78P803B Datasheet
543Kb / 44P
   8-bit MCU
logo
Holtek Semiconductor In...
HT95R24 HOLTEK-HT95R24 Datasheet
365Kb / 53P
   Phone 8-bit MCU
HT95R25 HOLTEK-HT95R25 Datasheet
354Kb / 51P
   Phone 8-bit MCU
logo
Zilog, Inc.
Z86318 ZILOG-Z86318 Datasheet
265Kb / 26P
   Z8 MCU 8-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
   Remote Type 8-bit MCU
HT36A1 HOLTEK-HT36A1 Datasheet
286Kb / 39P
   Music Synthesizer 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com