Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVP17DRFT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVP17DRFT
Description  2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVP17DRFT Datasheet(HTML) 4 Page - Texas Instruments

  SN65LVP17DRFT Datasheet HTML 1Page - Texas Instruments SN65LVP17DRFT Datasheet HTML 2Page - Texas Instruments SN65LVP17DRFT Datasheet HTML 3Page - Texas Instruments SN65LVP17DRFT Datasheet HTML 4Page - Texas Instruments SN65LVP17DRFT Datasheet HTML 5Page - Texas Instruments SN65LVP17DRFT Datasheet HTML 6Page - Texas Instruments SN65LVP17DRFT Datasheet HTML 7Page - Texas Instruments SN65LVP17DRFT Datasheet HTML 8Page - Texas Instruments SN65LVP17DRFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
SN65LVDS16, SN65LVP16
SN65LVDS17, SN65LVP17
SLLS625B – SEPTEMBER 2004 – REVISED NOVEMBER 2005
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
SN65LVP16/17 Y AND Z OUTPUT CHARACTERISTICS
VOYH or
High-level output voltage
VCC– 1.05
VCC– 0.82
VOZH
3.3 V; 50
Ω from Y and Z
to VCC– 2 V
VOYL or
Low-level output voltage
VCC– 1.83
VCC– 1.57
VOZL
V
VOYL or
2.5 V; 50
Ω from Y and Z
Low-level output voltage
VCC– 1.88
VCC– 1.57
VOZL
to VCC– 2 V
Differential output voltage magnitude,
|VOD|
0.6
0.8
1
|VOH– VOL|
IOYZ or IOZZ
High-impedance output current
EN at VCC, VO = 0 V or VCC
–1
1
µA
Q OUTPUT CHARACTERISTICS (see Figure 1)
VOH
High-level output voltage
No load
VCC– 0.94
V
GC Tied to GND, No load
VCC– 1.22
VOL
Low-level output voltage
GC Open, No load
VCC– 1.52
V
GC Tied to VCC, No load
VCC– 1.82
GC Tied to GND
300
VO(pp)
Peak-to-peak output voltage
GC Open
575
mV
GC Tied to VCC
860
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
A to Q
340
460
tPD
Propagation delay time, tPLH or tPHL
D to Y or Z
See Figure 4
460
630
ps
tSK(P)
Pulse skew, |tPLH– tPHL|
20
VCC = 3.3 V
80
tSK(PP) Part-to-part skew(2)
ps
VCC = 2.5 V
130
tr
20%-to-80% differential signal rise time
85
140
ps
See Figure 4
tf
20%-to-80% differential signal fall time
85
140
ps
tjit(per)
RMS period jitter(3)
2
3
2-GHz 50%-duty-cycle square-wave input,
ps
See Figure 5
tjit(cc)
Peak cycle-to-cycle jitter(4)
15
23
tjit(ph)
Intrinsic phase jitter
2 GHz
0.11
ps
Propagation delay time,
tPHZ
30
high-level-to-high-impedance output
Propagation delay time,
tPLZ
30
low-level-to-high-impedance output
See Figure 6
ns
Propagation delay time,
tPZH
30
high-impedance-to-high-level output
Propagation delay time,
tPZL
30
high-impedance-to-low-level output
(1)
Typical values are at room temperature and with a VCC of 3.3 V.
(2)
Part-to-part skew is the magnitude of the difference in propagation delay times between any specified terminals of two devices when
both devices operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
(3)
Period jitter is the deviation in cycle time of a signal with respect to the ideal period over a random sample of 100,000 cycles.
(4)
Cycle-to-cycle jitter is the variation in cycle time of a signal between adjacent cycles, over a random sample of 1,000 adjacent cycle
pairs.
4


Similar Part No. - SN65LVP17DRFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVP17DRFT TI-SN65LVP17DRFT Datasheet
319Kb / 15P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVP17DRFTG4 TI-SN65LVP17DRFTG4 Datasheet
319Kb / 15P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
More results

Similar Description - SN65LVP17DRFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS18 TI1-SN65LVDS18 Datasheet
497Kb / 17P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVDS16 TI-SN65LVDS16 Datasheet
319Kb / 15P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVDS18 TI1-SN65LVDS18_15 Datasheet
478Kb / 17P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
logo
ON Semiconductor
NBXSBA025 ONSEMI-NBXSBA025 Datasheet
123Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
August, 2009 ??Rev. 0
NBXSPA022 ONSEMI-NBXSPA022 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA025_0910 ONSEMI-NBXSBA025_0910 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSPA008 ONSEMI-NBXSPA008 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 161.1328 MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXSBA024 ONSEMI-NBXSBA024 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBA030 ONSEMI-NBXSBA030 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 175.00 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXDPA019 ONSEMI-NBXDPA019 Datasheet
174Kb / 7P
   2.5 V / 3.3 V, 125 MHz / 250MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com