Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T81L0006A Datasheet(PDF) 5 Page - Taiwan Memory Technology

Part # T81L0006A
Description  8-bit A/D Type MCU
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T81L0006A Datasheet(HTML) 5 Page - Taiwan Memory Technology

  T81L0006A Datasheet HTML 1Page - Taiwan Memory Technology T81L0006A Datasheet HTML 2Page - Taiwan Memory Technology T81L0006A Datasheet HTML 3Page - Taiwan Memory Technology T81L0006A Datasheet HTML 4Page - Taiwan Memory Technology T81L0006A Datasheet HTML 5Page - Taiwan Memory Technology T81L0006A Datasheet HTML 6Page - Taiwan Memory Technology T81L0006A Datasheet HTML 7Page - Taiwan Memory Technology T81L0006A Datasheet HTML 8Page - Taiwan Memory Technology T81L0006A Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TE
CH
tm
T81L0006A/B
TM Technology Inc. reserves the right
P. 5
Publication Date: JAN. 2006
to change products or specifications without notice.
Revsion : C
9. Electrical Characteristics
D.C Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC
Operating Voltage
25°C
3.0
3.3
3.6
V
ICC
Operating Current
No load, ADC disable Vcc=3.3V
-
6
-
mA
IPD
Power-Down Current
No load, Vcc=3.3V
1
uA
IADC
Only ADC Enable, Others
Disable
No load
-
120
-
uA
VADC
ADC Input Voltage Range
0
-
VREF
V
VREF
VREF input voltage range
2
-
VCC
V
VIH
Hi-Level input voltage
Vout >=VVOH(MIN.)
Vout <=VVOL(MIN.)
2.1
-
-
V
VIL
Low-Level input voltage
Vout >=VVOH(MIN.)
Vout <=VVOL(MIN.)
-
-
0.6
V
IOH=-7uA
2.9
IOH=-45uA
2.4
IOH=-70uA
1.9
IOH=-12mA**
2.4
VOH
Hi-Level Output voltage
VCC=MIN.
VI=VIH or
VIL
IOH=-20mA**
1.9
-
-
V
IOL=12mA
0.2
IOL=25mA
0.4
VOL1 *
Low-Level Output voltage
VCC=MIN.
VI=VIH or
VIL
IOL=40mA
-
-
0.6
V
IOL=4mA
0.2
IOL=12mA
0.4
VOL2 **
Low-Level Output voltage
VCC=MIN.
VI=VIH or
VIL
IOL=20mA
0.6
V
Note :
*
for PWM pins (P3.6/PWM1 and P2.0/PWM2).
**
for high driving current mode.
A.C Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
FSYS1
System Clock 1 (Crystal OSC)
VCC=3.3V
-
12
24
MHz
FSYS2
System Clock 2 (RC OSC)
VCC=3.3V
-
12
-
MHz
FADC
ADC Clock Frequency
-
125
-
KHz
tACT
ADC Conversion Time
-
128
us
tRES
External Reset High Pulse Width
-
10
-
system cycle
tPOS
Power ON Start up Time
-
20
-
ms
tLHLL
ALE pulse width
127
-
-
ns
tAVLL
Address Valid to ALE Low
43
-
-
ns
tLLAX
Address Hold after ALE Low
48
-
-
ns
tLLIV
ALE Low to Valid Instruction In
-
-
233
ns
tLLPL
ALE Low to PSEN Low
43
-
-
ns
tPLPH
PSEN pulse width
205
-
-
ns
tPLIV
PSEN Low to Valid Instruction In
-
-
145
ns
tAVIV
Address to Valid Instruction In
-
-
312
ns
tRLRH
RD pulse width
400
-
-
ns
tWLWH
WR pulse width
400
-
ns
tRLDV
RD Low to Valid data in
-
-
252
ns
tLLDV
ALE Low to Valid data in
-
-
517
ns
tAVDV
Address to Valid data in
-
-
585
ns
tLLWL
ALE Low to RD or WR Low
200
-
300
ns
tAVWL
Address to RD or WR Low
203
-
-
ns
tWHLH
RD or WR High to ALE High
43
-
123
ns


Similar Part No. - T81L0006A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A Datasheet
147Kb / 21P
   8-bit A/D Type MCU
T81L0006A-AD TMT-T81L0006A-AD Datasheet
147Kb / 21P
   8-bit A/D Type MCU
T81L0006A-AK TMT-T81L0006A-AK Datasheet
147Kb / 21P
   8-bit A/D Type MCU
T81L0006A-BD TMT-T81L0006A-BD Datasheet
147Kb / 21P
   8-bit A/D Type MCU
T81L0006A-BK TMT-T81L0006A-BK Datasheet
147Kb / 21P
   8-bit A/D Type MCU
More results

Similar Description - T81L0006A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
   A/D Type 8-Bit MCU
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A Datasheet
147Kb / 21P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22_08 Datasheet
444Kb / 59P
   A/D Type 8-Bit MCU
HT46RU25 HOLTEK-HT46RU25 Datasheet
476Kb / 63P
   A/D Type 8-Bit MCU
HT46C47 HOLTEK-HT46C47 Datasheet
264Kb / 39P
   A/D Type 8-Bit MCU
HT46C23 HOLTEK-HT46C23 Datasheet
348Kb / 48P
   A/D Type 8-Bit MCU
HT46R24 HOLTEK-HT46R24_06 Datasheet
403Kb / 51P
   A/D Type 8-Bit MCU
HT46R22 HOLTEK-HT46R22 Datasheet
390Kb / 46P
   8-Bit A/D Type MCU
HT46C24 HOLTEK-HT46C24 Datasheet
393Kb / 49P
   A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com