Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51220RHBR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51220RHBR
Description  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51220RHBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS51220RHBR Datasheet HTML 3Page - Texas Instruments TPS51220RHBR Datasheet HTML 4Page - Texas Instruments TPS51220RHBR Datasheet HTML 5Page - Texas Instruments TPS51220RHBR Datasheet HTML 6Page - Texas Instruments TPS51220RHBR Datasheet HTML 7Page - Texas Instruments TPS51220RHBR Datasheet HTML 8Page - Texas Instruments TPS51220RHBR Datasheet HTML 9Page - Texas Instruments TPS51220RHBR Datasheet HTML 10Page - Texas Instruments TPS51220RHBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
www.ti.com
DEVICE INFORMATION
PINOUT
DRVH2
VIN
VREG3
EN2
DRVH1
V5SW
RF
EN1
PGOOD2
SKIPSEL2
CSP2
CSN2
PGOOD1
SKIPSEL1
CSP1
CSN1
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
RHBPACKAGE
(TOP VIEW)
TPS51220
SLVS785 – OCTOBER 2007
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
DRVH1
1
High-side MOSFET gate driver outputs. Source 1.7
Ω, sink 1.0Ω, SW-node referenced floating driver. Drive
O
voltage corresponds to VBST to SW voltage.
DRVH2
24
SW2
25
I/O
High-side MOSFET gate driver returns.
SW1
32
Always alive 3.3V, 10mA Low Dropout Linear Regulator Output. Bypass to (signal) GND with more than 1
μF
VREG3
22
O
ceramic capacitor. Runs from VIN supply or from VREG5 when it is switched over to V5SW input.
EN1
4
Channel 1 and Channel 2 SMPS Enable Pins. When turning on, apply greater than 0.55V and less than 6V.
I
Connect to GND to disable. Adjustable soft-start capacitance to be attached here.
EN2
21
PGOOD1
5
Power Good window comparator outputs for channel 1 and 2. The applied voltage should be less than 6V,
O
and the recommended pull-up resistance value is from 100k
Ω to 1MΩ.
PGOOD2
20
SKIPSEL1
6
Skip Mode Selection pin.
GND: Continuous Conduction Mode
I
VREF2: Auto Skip
SKIPSEL2
19
VREG3: OOA Auto Skip, max 7 skips (suitable for fsw < 400kHz)
VREG5: OOA Auto Skip, max 15 skips (suitable for equal to or greater than 400kHz)
CSP1
7
Current sense comparator inputs (+). An RC network with high quality X5R or X7R ceramic capacitor should
I/O
be used to extract voltage drop across DCR. 0.1
μF is a good value to start the design. See the current
CSP2
18
sensing scheme section for more details.
CSN1
8
Current sense comparator inputs (–). See the current sensing scheme section. Used as power supply for the
I
current sense circuit for 5V or higher output voltage setting. Also, used for output discharge terminal.
CSN2
17
VFB1
9
SMPS Voltage Feedback Inputs. Connect the feedback resistors divider, and should be referred to (signal)
I
GND.
VFB2
16
COMP1
10
Loop Compensation Pin for current mode (Error Amplifier Output). Connect R (and C if required) from this
pin to VREF2 for proper loop compensation with current mode operation. Ramp compensation adjustable pin
I
for D-CAP mode, connect R from this pin to VREF2. 10k
Ω is a good value to start the design. 6kΩ to 20kΩ
COMP2
15
can be chosen. See the D-CAP MODE section for more details.
Frequency Setting pin. Connect a frequency setting resistor to (signal) GND. Connect to an external clock
RF
3
I/O
for synchronization.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :TPS51220


Similar Part No. - TPS51220RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51220RHBR TI1-TPS51220RHBR Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220RHBRG4 TI1-TPS51220RHBRG4 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results

Similar Description - TPS51220RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51220A TI-TPS51220A Datasheet
838Kb / 45P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI-TPS51220A-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220_15 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221_15 Datasheet
865Kb / 40P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI1-TPS51220A-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI-TPS51220A_15 Datasheet
1Mb / 53P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI1-TPS51220_16 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI1-TPS51220A_16 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51222 TI1-TPS51222 Datasheet
1Mb / 42P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221 Datasheet
956Kb / 36P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com