Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS16 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN65LVDS16
Description  2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS16 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65LVDS16_07 Datasheet HTML 6Page - Texas Instruments SN65LVDS16_07 Datasheet HTML 7Page - Texas Instruments SN65LVDS16_07 Datasheet HTML 8Page - Texas Instruments SN65LVDS16_07 Datasheet HTML 9Page - Texas Instruments SN65LVDS16_07 Datasheet HTML 10Page - Texas Instruments SN65LVDS16_07 Datasheet HTML 11Page - Texas Instruments SN65LVDS16_07 Datasheet HTML 12Page - Texas Instruments SN65LVDS16_07 Datasheet HTML 13Page - Texas Instruments SN65LVDS16_07 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.ti.com
EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
R
R
Y
Z
VCC
OUTPUT LVP16/17
VCC
VCC
7 V
7 V
VCC
Y
Z
OUTPUT LVDS16/17
VCC
7 V
7 V
VCC
VCC
300 k
400
7 V
ENABLE
A
B
VCC
INPUT
VCC
VBB
VCC
VCC
VBB
VBB
OUTPUT
SN65LVDS16, SN65LVP16
SN65LVDS17, SN65LVP17
SLLS625B – SEPTEMBER 2004 – REVISED NOVEMBER 2005
10


Similar Part No. - SN65LVDS16_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS16DRFR TI-SN65LVDS16DRFR Datasheet
319Kb / 15P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVDS16DRFRG4 TI-SN65LVDS16DRFRG4 Datasheet
319Kb / 15P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVDS16DRFT TI-SN65LVDS16DRFT Datasheet
319Kb / 15P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVDS16DRFTG4 TI-SN65LVDS16DRFTG4 Datasheet
319Kb / 15P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
More results

Similar Description - SN65LVDS16_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS18 TI1-SN65LVDS18 Datasheet
497Kb / 17P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVDS16 TI-SN65LVDS16 Datasheet
319Kb / 15P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVDS18 TI1-SN65LVDS18_15 Datasheet
478Kb / 17P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
logo
ON Semiconductor
NBXSBA025 ONSEMI-NBXSBA025 Datasheet
123Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
August, 2009 ??Rev. 0
NBXSPA022 ONSEMI-NBXSPA022 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA025_0910 ONSEMI-NBXSBA025_0910 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSPA008 ONSEMI-NBXSPA008 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 161.1328 MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXSBA024 ONSEMI-NBXSBA024 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBA030 ONSEMI-NBXSBA030 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 175.00 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXDPA019 ONSEMI-NBXDPA019 Datasheet
174Kb / 7P
   2.5 V / 3.3 V, 125 MHz / 250MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com