Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3F-1105S Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # B3F-1105S
Description  Mechanical Key Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3F-1105S Datasheet(HTML) 4 Page - Omron Electronics LLC

  B3F-1105S Datasheet HTML 1Page - Omron Electronics LLC B3F-1105S Datasheet HTML 2Page - Omron Electronics LLC B3F-1105S Datasheet HTML 3Page - Omron Electronics LLC B3F-1105S Datasheet HTML 4Page - Omron Electronics LLC B3F-1105S Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
6
±0.2
4.5
±0.2
6
±0.2
3.5 dia
3 dia
Max. 0.5
9.5
3.5
6.5
±0.5
7.5
±0.5
0.3
3.4
0.7
0.7
6.5
±0.1
4.5
±0.1
four 1.0
dia
± 0.05
PCB Mounting
(Top View)
Internal Connec-
tions
(Top View)
Extended Type
B3F-1070
Vertical, Flat Plunger Type
(Height: 3.15 mm)
(Height: 3.85mm)
B3F-3100, -3102,
B3F-3120, -3122,
-3105
-3125
7.3
6.25
7.4
4
3.5 dia
0.3
0.7
1
0.3
2.25
2.5
±0.5
3.15
±0.2/3.85±0.2
Two 1.5
±0.05 dia
Two 1
±0.05 dia
2.5
±0.1
7
±0.1
PCB Mounting
(Top View)
Terminal Arrangement
/Internal Connections
(Top View)
4.5
±0.5
7
±0.5
8.7
4.5
±0.1
3.5
Vertical, Projected Plunger Type
(Height: 6.15 mm)
B3F-3150, -3152, -3155
7.3
6.25
3.5 dia
7.4
4
0.3
0.7
1
0.3
2.25
2.5
±0.5
6.15
±0.2
Two 1.5
±0.05 dia
2.5
±0.1
Two 1
±0.05 dia
7
±0.1
PCB Mounting
(Top View)
Terminal Arrangement
/Internal Connections
(Top View)
j2.4±0.1
4.5
±0.5
7
±0.5
8.7
1.8
±0.1
3.5
4.5
±0.1
12 x 12 mm Models
Standard, Long Life Expectancy,
High Reliability, Flat Plunger Type
(without Ground Terminal)
B3F-4000, -4005, -5000, -5001
12
±0.2
5
±0.2
4.3
±0.2
12.5
±0.5
13.8
±0.5
1
12
±0.2
3.5
3.5
0.3
7.1 dia
1
9
±0.1
Two 1.8
±0.05 dia
5
±0.1
Four 1.2
±0.05 dia
12.5
±0.1
9
±0.1
4
3
21
12
±0.2
5
±0.2
12
±0.2
1.6
4.3
±0.2
3.5
12.5
±0.5
13.8
±0.5
0.3
0.9
3.5
1
7.1 dia
1
9
±0.1
Two 1.8
±0.05 dia
5
±0.1 9±0.1
Five
1.2
±0.0
5
dia
12.5
±0.1
6.9
±0.1
4
3
21
5
PCB Mounting
(Top View)
Terminal Arrangement
/Internal Connections
(Top View)
Standard, Long Life Expectancy,
High Reliability, Flat Plunger Type
(with Ground Terminal)
B3F-4100, -4105, -5100, -5101
PCB Mounting
(Top View)
Terminal Arrangement
/Internal Connections
(Top View)


Similar Part No. - B3F-1105S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F-1105 OMRON-B3F-1105 Datasheet
1Mb / 12P
   Tactile Switch
B3F-1105 OMRON-B3F-1105 Datasheet
1Mb / 12P
   Tactile Switch
B3F-1105 OMRON-B3F-1105 Datasheet
1,008Kb / 9P
   Tactile Switch
More results

Similar Description - B3F-1105S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3WN ETC-B3WN Datasheet
121Kb / 3P
   Mechanical Key Switch
logo
Omron Electronics LLC
B3J OMRON-B3J Datasheet
140Kb / 4P
   Mechanical Key Switch(Hinged)
B3S-1000 OMRON-B3S-1000 Datasheet
49Kb / 5P
   Mechanical Key Switch (SMD)
logo
ITT Industries
K5A22N ITT-K5A22N Datasheet
186Kb / 2P
   Snap Action Key Switch Switch
logo
C&K Components
K5A2 CK-COMPONENTS-K5A2 Datasheet
155Kb / 2P
   Snap Action Key Switch Switch
K5G CK-COMPONENTS-K5G Datasheet
144Kb / 2P
   Snap Action Key Switch
logo
GREEGOO Electric Co.,Lt...
CZ-93BPG GREEGOO-CZ-93BPG Datasheet
1Mb / 2P
   Safety Key Interlock Switch
logo
JDS Uniphase Corporatio...
MOM-0011L110 JDSU-MOM-0011L110 Datasheet
204Kb / 4P
   Miniature Opto-Mechanical Switch
logo
Bourns Electronic Solut...
7914S BOURNS-7914S Datasheet
26Kb / 1P
   Key Switch (Side Actuated)
logo
Honeywell Accelerometer...
2TP8-8 HONEYWELL-ACC-2TP8-8 Datasheet
51Kb / 1P
   SWITCH - TOGGLE FLUSH KEY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com