Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48T35AY-10PC1 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M48T35AY-10PC1
Description  5.0 or 3.3V, 256 Kbit (32 Kb x8) TIMEKEEPER짰 SRAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35AY-10PC1 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M48T35AY-10PC1 Datasheet HTML 6Page - STMicroelectronics M48T35AY-10PC1 Datasheet HTML 7Page - STMicroelectronics M48T35AY-10PC1 Datasheet HTML 8Page - STMicroelectronics M48T35AY-10PC1 Datasheet HTML 9Page - STMicroelectronics M48T35AY-10PC1 Datasheet HTML 10Page - STMicroelectronics M48T35AY-10PC1 Datasheet HTML 11Page - STMicroelectronics M48T35AY-10PC1 Datasheet HTML 12Page - STMicroelectronics M48T35AY-10PC1 Datasheet HTML 13Page - STMicroelectronics M48T35AY-10PC1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
M48T35AY, M48T35AV
10/25
Data Retention Mode
With valid VCC applied, the M48T35AY/V operates
as a conventional BYTEWIDE™ static RAM.
Should the supply voltage decay, the RAM will au-
tomatically power-fail deselect, write protecting it-
self when VCC falls within the VPFD (max), VPFD
(min) window (see Figure 15, Table 10, and Table
11., page 18). All outputs become high imped-
ance, and all inputs are treated as “don't care.”
Note: A power failure during a WRITE cycle may
corrupt data at the currently addressed location,
but does not jeopardize the rest of the RAM's con-
tent. At voltages below VPFD (min), the user can be
assured the memory will be in a write protected
state, provided the VCC fall time is not less than tF.
The M48T35AY/V may respond to transient noise
spikes on VCC that reach into the deselect window
during the time the device is sampling VCC. There-
fore, decoupling of the power supply lines is rec-
ommended.
When VCC drops below VSO, the control circuit
switches power to the internal battery which pre-
serves data and powers the clock. The internal
button cell will maintain data in the M48T35AY/V
for an accumulated period of at least 7 years when
VCC is less than VSO. As system power returns
and VCC rises above VSO, the battery is discon-
nected and the power supply is switched to exter-
nal VCC. Write protection continues until VCC
reaches VPFD (min) plus trec (min). E should be
kept high as VCC rises past VPFD (min) to prevent
inadvertent WRITE cycles prior to processor stabi-
lization. Normal RAM operation can resume trec af-
ter VCC exceeds VPFD (max).
Also, as VCC rises, the battery voltage is checked.
If the voltage is less than approximately 2.5V, an
internal Battery Not OK (BOK) flag will be set. The
BOK flag can be checked after power up. If the
BOK flag is set, the first WRITE attempted will be
blocked. The flag is automatically cleared after the
first WRITE, and normal RAM operation resumes.
Figure 10 illustrates how a BOK check routine
could be structured.
For more information on Battery Storage Life refer
to the Application Note AN1012.
Figure 10. Checking the BOK Flag Status
READ DATA
AT ANY ADDRESS
AI00607
IS DATA
COMPLEMENT
OF FIRST
READ?
(BATTERY OK)
POWER-UP
YES
NO
WRITE DATA
COMPLEMENT BACK
TO SAME ADDRESS
READ DATA
AT SAME
ADDRESS AGAIN
NOTIFY SYSTEM
OF LOW BATTERY
(DATA MAY BE
CORRUPTED)
WRITE ORIGINAL
DATA BACK TO
SAME ADDRESS
(BATTERY LOW)
CONTINUE


Similar Part No. - M48T35AY-10PC1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T35AY-10PC1 STMICROELECTRONICS-M48T35AY-10PC1 Datasheet
148Kb / 19P
   256 Kbit 32Kb x8 TIMEKEEPER SRAM
M48T35AY-10PC1TR STMICROELECTRONICS-M48T35AY-10PC1TR Datasheet
148Kb / 19P
   256 Kbit 32Kb x8 TIMEKEEPER SRAM
More results

Similar Description - M48T35AY-10PC1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T37Y STMICROELECTRONICS-M48T37Y_10 Datasheet
521Kb / 30P
   5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
M48T35 STMICROELECTRONICS-M48T35_10 Datasheet
497Kb / 26P
   5 V, 256 Kbit (32 Kb x 8) TIMEKEEPER짰 SRAM
M48T35Y STMICROELECTRONICS-M48T35Y Datasheet
478Kb / 28P
   5 V, 256 Kbit (32 Kb x 8) TIMEKEEPER짰 SRAM
M48T35 STMICROELECTRONICS-M48T35_11 Datasheet
478Kb / 28P
   5 V, 256 Kbit (32 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 10
M48T35AV STMICROELECTRONICS-M48T35AV_11 Datasheet
498Kb / 29P
   3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 9
M48T58Y STMICROELECTRONICS-M48T58Y_11 Datasheet
495Kb / 33P
   5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 8
M48T58 STMICROELECTRONICS-M48T58_11 Datasheet
495Kb / 33P
   5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 8
M48T02 STMICROELECTRONICS-M48T02_10 Datasheet
395Kb / 25P
   5.0 V, 16 Kbit (2 Kb x 8) TIMEKEEPER짰 SRAM
M48T58 STMICROELECTRONICS-M48T58_10 Datasheet
517Kb / 33P
   5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
M48T201Y STMICROELECTRONICS-M48T201Y_07 Datasheet
318Kb / 35P
   5.0 or 3.3V TIMEKEEPER짰 supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com