Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR60A300PT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBR60A300PT
Description  60A SBR짰 Super Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR60A300PT Datasheet(HTML) 2 Page - Diodes Incorporated

  SBR60A300PT Datasheet HTML 1Page - Diodes Incorporated SBR60A300PT Datasheet HTML 2Page - Diodes Incorporated SBR60A300PT Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SBR60A300PT
0
10
20
30
25
50
75
100
125
150
175
40
T , CASE TEMPERATURE ( C)
Fig. 3 Forward Current Derating Curve
C
°
50
60
R
= R
Per Element
θθ
JA
JC
R
= R
Total Device
θθ
JA
JC
R
= 10°C/W
Per Element
θJA
Note 3
Package Outline Drawing
SBR60A300PT Rev. 3 - 2
2 of 3
www.diodes.com
September 2007
© Diodes Incorporated
TO-247
Dim
Min
Max
A
1.9
2.1
B
4.85
5.15
C
20.3
21.75
D
19.60
20.1
E
2.2
2.6
G
0.51
0.76
H
15.45
16.25
J
1.93
2.18
K
2.9
3.2
L
3.78
4.38
M
5.2
5.7
N
1.0
1.4
P
1.8
2.2
Q
2.8
3.2
S
4.4 Typ.
All Dimensions in mm
A
B
E
G
J
L
M
N
P
Q
K
S
M
H
D
C


Similar Part No. - SBR60A300PT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR60A300CT DIODES-SBR60A300CT Datasheet
117Kb / 3P
   60A SBR SUPER BARRIER RECTIFIER
logo
Inchange Semiconductor ...
SBR60A300CT ISC-SBR60A300CT Datasheet
293Kb / 2P
   Schottky Barrier Rectifier
logo
Diodes Incorporated
SBR60A300CT-G DIODES-SBR60A300CT-G Datasheet
117Kb / 3P
   60A SBR SUPER BARRIER RECTIFIER
More results

Similar Description - SBR60A300PT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR1U40LP DIODES-SBR1U40LP Datasheet
110Kb / 3P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
DS31108 Rev. 4 - 2
SBR10U100CT DIODES-SBR10U100CT_08 Datasheet
168Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
SBR12A45SD1 DIODES-SBR12A45SD1 Datasheet
94Kb / 3P
   12A SBR짰 SUPER BARRIER RECTIFIER
DS31452 Rev. 2 - 2
SBR10U300CT DIODES-SBR10U300CT_08 Datasheet
174Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30991 Rev. 5 - 2
SBR30U30CT DIODES-SBR30U30CT Datasheet
270Kb / 3P
   30A SBR짰 Super Barrier Rectifier
SBR30U30 Rev. 3 - 2
SBR1040CTB DIODES-SBR1040CTB Datasheet
86Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR20U60 DIODES-SBR20U60_15 Datasheet
160Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR30A100CTB DIODES-SBR30A100CTB_15 Datasheet
92Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR130SV DIODES-SBR130SV_15 Datasheet
195Kb / 4P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
SBR1040 DIODES-SBR1040_15 Datasheet
168Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com