Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1308ATG Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # P1308ATG
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P1308ATG Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  P1308ATG Datasheet HTML 1Page - List of Unclassifed Manufacturers P1308ATG Datasheet HTML 2Page - List of Unclassifed Manufacturers P1308ATG Datasheet HTML 3Page - List of Unclassifed Manufacturers P1308ATG Datasheet HTML 4Page - List of Unclassifed Manufacturers P1308ATG Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Jun-09-2006
N-Channel Enhancement Mode Field
Effect Transistor
P1308ATG
TO-220
Lead Free
NIKO-SEM
On-State Drain Current
1
ID(ON)
VDS = 10V, VGS = 10V
60
A
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = 10V, ID = 40A
10.5
13
Forward Transconductance
1
gfs
VDS = 50V, ID = 40A
38
S
DYNAMIC
Input Capacitance
Ciss
3820
Output Capacitance
Coss
610
Reverse Transfer Capacitance
Crss
VGS = 0V, VDS = 25V, f = 1MHz
130
pF
Total Gate Charge
2
Qg
160
Gate-Source Charge
2
Qgs
30
Gate-Drain Charge
2
Qgd
VDS =60V, VGS = 10V,
ID = 40A
55
nC
Turn-On Delay Time
2
td(on)
15
Rise Time
2
tr
VDD = 40V,
65
Turn-Off Delay Time
2
td(off)
ID ≅ 40A, VGS = 10V, RGS = 2.5Ω
50
Fall Time
2
tf
50
nS
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TC = 25 °C)
Continuous Current
IS
80
Pulsed Current
3
ISM
250
A
Forward Voltage
1
VSD
IF = 40A, VGS = 0V
1.3
V
Reverse Recovery Time
trr
100
nS
Peak Reverse Recovery Current
IRM(REC)
IF = IS, dlF/dt = 100A / µS
200
A
Reverse Recovery Charge
Qrr
410
nC
1Pulse test : Pulse Width
≤ 300 µsec, Duty Cycle ≤ 2%.
2Independent of operating temperature.
3Pulse width limited by maximum junction temperature.
REMARK: THE PRODUCT MARKED WITH “P1308ATG”, DATE CODE or LOT #
Orders for parts with Lead-Free plating can be placed using the PXXXXXXG parts name.


Similar Part No. - P1308ATG

ManufacturerPart #DatasheetDescription
logo
Wuxi U-NIKC Semiconduct...
P1308ATFG UNIKC-P1308ATFG Datasheet
481Kb / 5P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - P1308ATG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com