Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1675ILQ Datasheet(PDF) 10 Page - Microsemi Corporation

Part # LX1675ILQ
Description  Multiple Output LoadSHARE??PWM PRODUCTION DATA SHEET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1675ILQ Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button LX1675ILQ Datasheet HTML 6Page - Microsemi Corporation LX1675ILQ Datasheet HTML 7Page - Microsemi Corporation LX1675ILQ Datasheet HTML 8Page - Microsemi Corporation LX1675ILQ Datasheet HTML 9Page - Microsemi Corporation LX1675ILQ Datasheet HTML 10Page - Microsemi Corporation LX1675ILQ Datasheet HTML 11Page - Microsemi Corporation LX1675ILQ Datasheet HTML 12Page - Microsemi Corporation LX1675ILQ Datasheet HTML 13Page - Microsemi Corporation LX1675ILQ Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LX1675
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 10
Copyright
© 2004
Rev. 1.2a, 2006-02-16
Multiple Output LoadSHARE™ PWM
TM
®
TH EORY OF O PERAT ION (CON TINUE D)
BI-PHASE, LOADSHARE (ESR METHOD)
The first method is to change the ratio of the inductors
equivalent series resistance, (ESR). As can be seen in the
previous example, if the offset error is zero and the ESR of the
two inductors are identical, then the two inductor currents will be
identical.
To change the ratio of current between the two
inductors, the value of the inductor’s ESR can be changed to
allow more current to flow through one inductor than the other.
The inductor with the lower ESR value will have the larger
current.
The inductor currents are directly proportional to the
ratio of the inductor’s ESR value.
The following circuit description shows how to select the
inductor ESR for each phase where a different amount of power
is taken from two different input power supplies. A typical setup
will have a +5V power supply connected to the phase 1 half
bridge driver and a +3.3V power supply connected to the phase 2
half bridge driver.
The combined power output for this core
voltage is 18W (+1.5V @ 12A). For this example the +5V power
supply will supply 7W and the +3.3V power supply will supply
the other 11W. 7W @ 1.5V is a 4.67A current through the phase
1 inductor. 11W @ 1.5V is a 7.33A current through the phase 2
inductor.
The ratio of inductor ESR is inversely proportional to
the power level split.
1
I
2
I
2
ESR
1
ESR =
The higher current inductor will have the lower ESR value. If
the ESR of the phase 1 inductor is selected as 10m
Ω, then the
ESR value of the phase 2 inductor is calculated as:
mΩ
4
.
6
mΩ
10
A
33
.
7
A
67
.
4
=
×
Depending on the required accuracy of this power sharing;
inductors can be chosen from standard vendor tables with an ESR
ratio close to the required values. Inductors can also be designed
for a given application so that there is the least amount of
compromise in the inductor’s performance.
1.5V @ 12A
18W
6.4m
Ω
4.67A
7.33A
10m
Ω
1.5V +
46.7mV
L1
L2
+5V @ 7W
+3.3V @ 11W
Figure 7 –LoadSHARE Using Inductor ESR
BI-PHASE, LOADSHARE (FEEDBACK DIVIDER METHOD)
Sometimes it is desirable to use the same inductor in both phases
while having a much larger current in one phase versus the other.
A simple resistor divider can be used on the input side of the Low
Pass Filter that is taken off of the switching side of the inductors. If
the Phase 2 current is to be larger than the current in Phase 1; the
resistor divider is placed in the feedback path before the Low Pass
Filter that is connected to the Phase 2 inductor. If the Phase 2
current needs to be less than the current in Phase 1; the resistor
divider is then placed in the feedback path before the Low Pass
Filter that is connected to the Phase 1 inductor.
As in Figure 7, the millivolts of DC offset created by the resistor
divider network in the feedback path, appears as a voltage
generator between the ESR of the two inductors.
A divider in the feedback path from Phase 2 will cause the
voltage generator to be positive at Phase 2. With a divider in the
feedback path of Phase 1 the voltage generator becomes positive at
Phase 1. The Phase with the positive side of the voltage generator
will have the larger current.
Systems that operate continuously
above a 30% power level can use this method.
A down side is that
the current difference between the two
inductors still flows during a no load condition. This produces a
low efficiency condition during a no load or light load state, this
method should not be used if a wide range of output power is
required.
The following description and Figure 8 show how to determine
the value of the resistor divider network required to generate the
offset voltage necessary to produce the different current ratio in the
two output inductors. The power sharing ratio is the same as that
of Figure 7. The Offset Voltage Generator is symbolic for the DC
voltage offset between Phase 1 & 2. This voltage is generated by
small changes in the duty cycle of Phase 2. The output of the LPF
is a DC voltage proportional to the duty cycle on its input. A small
amount of attenuation by a resistor divider before the LPF of Phase
2 will cause the duty cycle of Phase 2 to increase to produce the
added offset at V2. The high DC gain of the error amplifier will
force LPF2 to always be equal to LPF1. The following calculations
determine the value of the resistor divider necessary to satisfy this
example.


Similar Part No. - LX1675ILQ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1670 MICROSEMI-LX1670 Datasheet
192Kb / 7P
   5 - BIT PROGRAMMABLE VOTAGE REFERENCE
LX1670CD MICROSEMI-LX1670CD Datasheet
192Kb / 7P
   5 - BIT PROGRAMMABLE VOTAGE REFERENCE
LX1671 MICROSEMI-LX1671 Datasheet
447Kb / 21P
   Multiple Output LoadSHARE PWM
LX1671CLQ MICROSEMI-LX1671CLQ Datasheet
425Kb / 21P
   Multiple Output LoadSHARE PWM
LX1671CLQ-TR MICROSEMI-LX1671CLQ-TR Datasheet
425Kb / 21P
   Multiple Output LoadSHARE PWM
More results

Similar Description - LX1675ILQ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1671 MICROSEMI-LX1671_06 Datasheet
425Kb / 21P
   Multiple Output LoadSHARE PWM
LX1672 MICROSEMI-LX1672 Datasheet
358Kb / 20P
   Multiple Output LoadSHARE PWM
LX1671 MICROSEMI-LX1671 Datasheet
447Kb / 21P
   Multiple Output LoadSHARE PWM
LX1672_0508 MICROSEMI-LX1672_0508 Datasheet
387Kb / 20P
   Multiple Output LoadSHARE PWM TM
logo
Supertex, Inc
HV9606DB1 SUTEX-HV9606DB1 Datasheet
147Kb / 4P
   Current-Mode PWM Multiple Output Flyback Converter
logo
Sumida Corporation
EEH1713 SUMIDA-EEH1713 Datasheet
278Kb / 1P
   Multiple Output Transformer
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
   DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
   Data Sheet
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
   Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
   Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com