Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1675CLQ Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX1675CLQ
Description  Multiple Output LoadSHARE??PWM PRODUCTION DATA SHEET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1675CLQ Datasheet(HTML) 4 Page - Microsemi Corporation

  LX1675CLQ Datasheet HTML 1Page - Microsemi Corporation LX1675CLQ Datasheet HTML 2Page - Microsemi Corporation LX1675CLQ Datasheet HTML 3Page - Microsemi Corporation LX1675CLQ Datasheet HTML 4Page - Microsemi Corporation LX1675CLQ Datasheet HTML 5Page - Microsemi Corporation LX1675CLQ Datasheet HTML 6Page - Microsemi Corporation LX1675CLQ Datasheet HTML 7Page - Microsemi Corporation LX1675CLQ Datasheet HTML 8Page - Microsemi Corporation LX1675CLQ Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LX1675
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2004
Rev. 1.2a, 2006-02-16
Multiple Output LoadSHARE™ PWM
TM
®
ELECTRICAL CHA RACTERISTICS
For the LX1675ILQ the following specifications apply over the ambient temperature -40°C < TA < 85°C and for the LX1675CLQ 0
°C
TA 85°C except where otherwise noted and the following test conditions: VIN & VSLR = 12V, VCX = 17V, HOX and LOX =3000pF
Load, FS = 0 (f = 300KHz).
LX1675
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
SWITCHING REGULATORS
VIN
Regulator Functional
4.5
24
VCX
30
Input Voltage
VCCL
6
V
Operation Current
IVIN
Static
6
mA
Feedback Voltage Internal
Reference
VFB
4.5V < VIN < 12V
0.784
0.816
V
Line Regulation
-1
1
%
Load Regulation
System Level measurement, Closed Loop
-1
1
%
High Side Minimum Pulse Width
Load = 3000pF
50
nS
600kHz
74
%
Maximum Duty Cycle
PWMDC
85
%
Lox Minimum On Time
VLOx
@ 25°C from 3V going high to 1V going low
180
225
320
nS
Buffered Reference Voltage
VREF
Max Load Current 0.5mA
0.778
0.822
V
ERROR AMPLIFIER
Input Offset Voltage
VOS
Common Mode Input Voltage = 1V
-7.0
7.0
mV
DC Open Loop Gain
70
dB
Unity gain bandwidth
AVUGBW
10
MHz
High Output Voltage
VOH
I Source = 2mA
3.75
5.0
V
Low Output Voltage
VOL
I Sink = 100µA
100
mV
Input Common Mode Range
Input Offset Voltage < 20mV
0.1
3.5
V
Input Bias Current
IIN
0V and 3.5V Common Mode Voltage
100
nA
CURRENT SENSE
CS Bias Current (Source)
ISET
VCSX = -0.2V, VPGX = 0V @ 25°C
48
55
62
µA
CS Trip Threshold
VTRIP
Referenced to VCSX, VPGX = 0V
±3
mV
CS Delay (Blanking)
TCSD
150
nS
VIH
Any PWM Output Activating Current Limit for
More than 4 Clock Cycles, Soft Starts all PWM
Outputs
2
Shared Fault Mode
VIL
Current Limit Event of One PWM Does Not Effect
the Continued Function of the Two Other PWM
Regulators
0.8
V
OUTPUT DRIVERS – N Channel MOSFETS
Low Side Driver Operating Current
IVCCL
Static
2.5
mA
High Side Driver Operating Current
IVCX
Static
3
mA
Drive Rise and Fall Time
TR/F
CL = 3000pF
50
nS
Dead Time – High Side to Low Side
or Low Side to High Side
TDEAD
Drive Load = 3000pF, VDRIVE < 1V
50
nS
High Side Driver Voltage
Drive High
IHOx = 20mA, VCx – HRx = 5.0V
4.8
4.9
Drive Low
VHOx
IHOx = -20mA, VCx – HRx = 5.0V
0.1
0.2
V
Low Side Driver Voltage
Drive High
ILOx = 20mA, VCCL – PGx = 5.0V
4.8
4.9
Drive Low
VLOx
ILOx = -20mA, VCCL – PGx = 5.0V
0.1
0.2
V
High Side Driver Current
IHOx
VCx – HRx = 5.0V, Capacitive Load, PW < 200ns
±1
APEAK
Low Side Driver Current
ILOx
VCCL – PGx = 5.0V, Capacitive Load, PW <
200ns
±1.5
APEAK
Maximum Load
QgMAX
50
nC
OSCILLATOR
VFS <0.8V @ 25°C
255
300
345
KHz
PWM Switching Frequency
FSW
VFS >2V @ 25°C
510
600
690
KHz
Ramp Amplitude
VRAMP
1.6
VPP


Similar Part No. - LX1675CLQ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1670 MICROSEMI-LX1670 Datasheet
192Kb / 7P
   5 - BIT PROGRAMMABLE VOTAGE REFERENCE
LX1670CD MICROSEMI-LX1670CD Datasheet
192Kb / 7P
   5 - BIT PROGRAMMABLE VOTAGE REFERENCE
LX1671 MICROSEMI-LX1671 Datasheet
447Kb / 21P
   Multiple Output LoadSHARE PWM
LX1671CLQ MICROSEMI-LX1671CLQ Datasheet
425Kb / 21P
   Multiple Output LoadSHARE PWM
LX1671CLQ-TR MICROSEMI-LX1671CLQ-TR Datasheet
425Kb / 21P
   Multiple Output LoadSHARE PWM
More results

Similar Description - LX1675CLQ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1671 MICROSEMI-LX1671_06 Datasheet
425Kb / 21P
   Multiple Output LoadSHARE PWM
LX1672 MICROSEMI-LX1672 Datasheet
358Kb / 20P
   Multiple Output LoadSHARE PWM
LX1671 MICROSEMI-LX1671 Datasheet
447Kb / 21P
   Multiple Output LoadSHARE PWM
LX1672_0508 MICROSEMI-LX1672_0508 Datasheet
387Kb / 20P
   Multiple Output LoadSHARE PWM TM
logo
Supertex, Inc
HV9606DB1 SUTEX-HV9606DB1 Datasheet
147Kb / 4P
   Current-Mode PWM Multiple Output Flyback Converter
logo
Sumida Corporation
EEH1713 SUMIDA-EEH1713 Datasheet
278Kb / 1P
   Multiple Output Transformer
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
   DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
   Data Sheet
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
   Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
   Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com