Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS7315 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS7315
Description  3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7315 Datasheet(HTML) 1 Page - Texas Instruments

  THS7315 Datasheet HTML 1Page - Texas Instruments THS7315 Datasheet HTML 2Page - Texas Instruments THS7315 Datasheet HTML 3Page - Texas Instruments THS7315 Datasheet HTML 4Page - Texas Instruments THS7315 Datasheet HTML 5Page - Texas Instruments THS7315 Datasheet HTML 6Page - Texas Instruments THS7315 Datasheet HTML 7Page - Texas Instruments THS7315 Datasheet HTML 8Page - Texas Instruments THS7315 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
DAC/
Encoder
(DaVinci
)
TM
CVBS
Y’
C’
75 W
Y’
OUT
75 W
C’
OUT
75 W
3.3V
+1.8V
75 W
75 W
SDTV
CVBS
S-Video Y’
S-VideoC’
480i/576i
Y’P’ P’
G’B’R’
B
R
75 W
S-Video
500 W
500 W
500 W
5
8
7
6
1
2
3
4
V
S+
GND
CH.2IN
CH.3IN
CH.1IN
CH.3OUT
CH.2OUT
CH.1OUT
THS7315
CVBS
OUT
Gain=
5.2V/V
THS7315
SLOS532 – JUNE 2007
3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
• Three SDTV Video Amplifiers for CVBS,
Fabricated using the revolutionary complementary
S-Video, Y'P'BP'R 480i/576i, Y'U'V', or G'B'R'
silicon-sermanium
(SiGe)
BiCom3
process,
the
(R'G'B')
THS7315 is a low-power, single-supply, 3-V to 5-V
3-channel integrated video buffer. It incorporates a
• Integrated Low-Pass Filters:
5th-order Butterworth filter that is useful as a
5th-Order, 8.5-MHz (–3dB) Butterworth
digital-to-analog converter (DAC) reconstruction filter
–1dB Passband Bandwidth at 7 MHz
or an analog-to-digital converter (ADC) anti-aliasing
filter. The 8.5-MHz filter is a perfect choice for SDTV
47 dB Attenuation at 27 MHz
video, including Composite Video Baseband Signals
• Versatile Input Biasing:
(CVBS),
S-Video,
Y’U’V’,
G’B’R’
(R’G’B’),
and
DC-Coupled with 230-mV Output Shift
Y’P’BP’R 480i/576i.
AC-Coupled with Sync-Tip Clamp
The THS7315 inputs can be either ac- or dc-coupled.
Allows AC-Coupled With DC-Biasing
The 230-mV output level shift allows for a full sync
dynamic range at the output with 0 V input. The
• Built-in 5.2 V/V Gain (14.3 dB)
ac-coupled modes include a transparent sync-tip
• +3-V to +5-V Single Supply Operation
clamp option for CVBS, Y', and G'B'R' signals with
• Rail-to-Rail Output:
bottom-level sync. AC-coupled biasing for C'/P'B/P'R
channels can easily be achieved by adding an
Output Swings Within 100 mV of the Rails,
external resistor to VS+.
Allowing AC- or DC-Output Coupling
Supports Driving Two Lines per Channel
The THS7315 is the perfect choice for all output
buffer applications. Its rail-to-rail output stage with
• Low Total Quiescent Current: 15.6 mA at 3.3 V
5.2-V/V gain allows for both ac and dc line driving,
• Low Differential Gain/Phase of 0.2%/0.3°
making it a perfect choice for DaVinci™ processors.
• Lead-free, Green SOIC-8 Package
The ability for each channel to drive two video lines,
or 75-
Ω loading, allows for maximum flexibility as a
video line driver. The 15.6-mA quiescent current at
3.3 V also makes it an excellent choice for
• Set Top Box Output Video Buffering
USB-powered, portable, or other power-sensitive
• PVR/DVDR Output Buffering
video applications
• USB/Portable Low-Power Video Buffering
The THS7315 is available in a small SOIC-8
package that is lead-free and compliant with green
requirements.
3.3-V Single-Supply DC-Input/DC-Output Coupled Video Line Driver
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DaVinci is a trademark of Texas Instruments.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS7315

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7315D TI1-THS7315D Datasheet
2Mb / 28P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7315DG4 TI1-THS7315DG4 Datasheet
2Mb / 28P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7315DR TI1-THS7315DR Datasheet
2Mb / 28P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7315 TI1-THS7315_14 Datasheet
2Mb / 28P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
More results

Similar Description - THS7315

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7315 TI1-THS7315_14 Datasheet
2Mb / 28P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI-THS7314 Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_17 Datasheet
972Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314EVM TI1-THS7314EVM Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7375 TI-THS7375 Datasheet
918Kb / 36P
[Old version datasheet]   4-Channel SDTV Video Amplifier with 6th-Order Filters and 5.6-V/V Gain
THS7316 TI-THS7316_07 Datasheet
859Kb / 30P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_17 Datasheet
1Mb / 31P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_14 Datasheet
1Mb / 29P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316 Datasheet
813Kb / 28P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com