Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4521ESE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4521ESE
Description  Quad, Low-Voltage, SPST Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4521ESE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4521ESE Datasheet HTML 7Page - Maxim Integrated Products MAX4521ESE Datasheet HTML 8Page - Maxim Integrated Products MAX4521ESE Datasheet HTML 9Page - Maxim Integrated Products MAX4521ESE Datasheet HTML 10Page - Maxim Integrated Products MAX4521ESE Datasheet HTML 11Page - Maxim Integrated Products MAX4521ESE Datasheet HTML 12Page - Maxim Integrated Products MAX4521ESE Datasheet HTML 13Page - Maxim Integrated Products MAX4521ESE Datasheet HTML 14Page - Maxim Integrated Products MAX4521ESE Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Quad, Low-Voltage, SPST Analog Switches
______________________________________________________________________________________
11
*Contact factory for dice specifications.
**EP = Exposed pad.
***Contact factory for availability.
Chip Topography
0.057"
(1.45mm)
0.046"
(1.19mm)
COM4
"D"
COM1
IN3
IN2
COM3
COM2
IN1
"B"
GND
V-
"A"
"C"
IN4
V+
SUBSTRATE CONNECTED TO V+
A
B
C
D
A
B
C
D
A
B
C
D
MAX4521
MAX4522
MAX4523
PIN
NAME
NAME
NAME
PIN
PIN
NC1
NC4
NC3
NC2
NO1
NO4
NO3
NO2
NO1
NO4
NC3
NC2
Ordering Information (continued)
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX4521EPE
-40
°C to +85°C 16 Plastic DIP
P16-1
MAX4521ESE
-40
°C to +85°C 16 Narrow SO
S16-2
MAX4521EEE
-40
°C to +85°C 16 QSOP
E16-4
MAX4521EUE
-40
°C to +85°C 16 TSSOP
U16-2
MAX4521EGE
-40
°C to +85°C 16 QFN-EP**
G1644-1
MAX4521MJE
-55
°C to +125°C 16 CERDIP***
J16-3
MAX4522CPE
0
°C to +70°C
16 Plastic DIP
P16-1
MAX4522CSE
0
°C to +70°C
16 Narrow SO
S16-2
MAX4522CEE
0
°C to +70°C
16 QSOP
E16-4
MAX4522CUE
0
°C to +70°C
16 TSSOP
U16-2
MAX4522CGE
0
°C to +70°C
16 QFN-EP**
G1644-1
MAX4522C/D
0
°C to +70°C
Dice*
MAX4522EPE
-40
°C to +85°C
16 Plastic DIP
P16-1
MAX4522ESE
-40
°C to +85°C
16 Narrow SO
S16-2
MAX4522EEE
-40
°C to +85°C
16 QSOP
E16-4
MAX4522EUE
-40
°C to +85°C
16 TSSOP
U16-2
MAX4522EGE
-40
°C to +85°C
16 QFN-EP**
G1644-1
MAX4522MJE
-55
°C to +125°C 16 CERDIP***
J16-3
MAX4523CPE
0
°C to +70°C
16 Plastic DIP
P16-1
MAX4523CSE
0
°C to +70°C
16 Narrow SO
S16-2
MAX4523CEE
0
°C to +70°C
16 QSOP
E16-4
MAX4523CUE
0
°C to +70°C
16 TSSOP
U16-2
MAX4523CGE
0
°C to +70°C
16 QFN-EP**
G1644-1
MAX4523C/D
0
°C to +70°C
Dice*
MAX4523EPE
-40
°C to +85°C 16 Plastic DIP
P16-1
MAX4523ESE
-40
°C to +85°C 16 Narrow SO
S16-2
MAX4523EEE
-40
°C to +85°C 16 QSOP
E16-4
MAX4523EUE
-40
°C to +85°C 16 TSSOP
U16-2
MAX4523EGE
-40
°C to +85°C 16 QFN-EP**
G1644-1
MAX4523MJE
-55
°C to +125°C 16 CERDIP***
J16-3


Similar Part No. - MAX4521ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4521ESE MAXIM-MAX4521ESE Datasheet
155Kb / 12P
   Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
More results

Similar Description - MAX4521ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4521 MAXIM-MAX4521 Datasheet
155Kb / 12P
   Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4536 MAXIM-MAX4536 Datasheet
118Kb / 12P
   Quad, Low-Voltage, SPST Analog Switches with Enable
Rev 0; 11/96
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
   Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com