Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD7780 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AKD7780
Description  24bit 5ch ADC & SRC Audio DSP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD7780 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AKD7780 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD7780 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD7780 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD7780 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD7780 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD7780 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD7780 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD7780 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD7780 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
[AK7780]
Ordering Guide
AK7780VQ
-40
∼ +85°C
100pin LQFP(0.5mm pitch)
AKD7780
Evaluation Board for AK7780
Pin layout
(TOP VIEW)
100 pin LQFP
TESTO
SO
76
77
78
79
80
81
82
83
84
85
87
88
86
89
91
92
90
93
94
95
97
98
96
99
100
50
49
48
47
46
45
44
43
42
41
39
38
40
37
35
34
36
33
32
31
29
28
30
27
26
AINM
AINR4
DVDD
DVSS
AINL4
AINL2
AVDD
VREFH
VCOM
VREFL
AINR5
AINR+
AINL-
AINL6
AINR7
AINR8
AINL8
DVDD18
SI / CAD0
SCLK/SCL
P_CKRST
RQ / CAD1
P_DSPRST
DVSS
DVDD18
SDIN5
BITCLK_I
DVDD18
SDOUT5
AINR3
AINL3
SDIN4
AINR2
SDOUT4
P_ADRST
AINR6
AINL5
AVSS
AINR-
SDIN2
AINL7
SDIN3
Input
Output
I/O
Power
Input
Output
I/O
Power
pin
CLKO1
AINL+
DVSS
DVDD
LRCLK_I
INIT_RESET
MS0581-E-00-PB
2007/09
- 5 -


Similar Part No. - AKD7780

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD7780 AKM-AKD7780 Datasheet
1Mb / 48P
   24-bit stereo ADC?셲, a mono ADC and a stereo SRC.
More results

Similar Description - AKD7780

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7782 AKM-AK7782 Datasheet
390Kb / 28P
   Dual Audio DSP with 24bit 5ch ADC & SRC
AK7722 AKM-AK7722 Datasheet
457Kb / 28P
   24bit 4ch ADC 24bit 4ch DAC with Audio DSP
AK7738VQ AKM-AK7738VQ Datasheet
1Mb / 42P
   Multi DSP with 5ch ADC 4ch DAC 8ch SRC
AK7738 AKM-AK7738 Datasheet
1Mb / 42P
   Multi DSP with 5ch ADC 4ch DAC 8ch SRC
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
   24bit 3ch ADC 24bit 4ch DAC with Audio DSP
AK7734 AKM-AK7734 Datasheet
470Kb / 24P
   Audio DSP with 2-Channel ADC/SRC
AK7757VQ AKM-AK7757VQ Datasheet
656Kb / 24P
   24bit 3ch ADC 4ch DAC Mic Amp ?낁뵷 Audio DSP
AK7757 AKM-AK7757 Datasheet
433Kb / 24P
   Audio DSP with 24bit 3ch ADC 4ch DAC MIC Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com