Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5394AVS Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK5394AVS
Description  Super High Performance 192kHz 24-Bit ?誇 ADC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5394AVS Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK5394AVS Datasheet HTML 3Page - Asahi Kasei Microsystems AK5394AVS Datasheet HTML 4Page - Asahi Kasei Microsystems AK5394AVS Datasheet HTML 5Page - Asahi Kasei Microsystems AK5394AVS Datasheet HTML 6Page - Asahi Kasei Microsystems AK5394AVS Datasheet HTML 7Page - Asahi Kasei Microsystems AK5394AVS Datasheet HTML 8Page - Asahi Kasei Microsystems AK5394AVS Datasheet HTML 9Page - Asahi Kasei Microsystems AK5394AVS Datasheet HTML 10Page - Asahi Kasei Microsystems AK5394AVS Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
ASAHI KASEI
[AK5394A]
MS0137-E-03
2005/05
- 7 -
ANALOG CHARACTERISTICS
(Ta = 25
°C; VA=5.0V; VD=3.3V; AGND=BGND=DGND=0V; fs=48kHz; Signal Frequency=1kHz; 24bit Output;
Measurement frequency=10Hz
∼ 20kHz; DFS0=“L”, DFS1=“L”; External circuit: Figure 10 Inputted through XLR;
unless otherwise specified)
Parameter
min
Typ
Max
Units
Resolution
24
Bits
Analog Input Characteristics:
fs=48kHz
−1dBFS (Note4)
−1dBFS
−20dBFS
−60dBFS
-
87
-
-
110
94
100
60
dB
dB
dB
dB
fs=96kHz
BW=40kHz
−1dBFS (Note4)
−1dBFS
−20dBFS
−60dBFS
-
87
-
110
94
97
57
dB
dB
dB
dB
S/(N+D)
fs=192kHz
BW=80kHz
−1dBFS
−20dBFS
−60dBFS
-
-
-
94
92
52
dB
dB
dB
Dynamic Range (-60dBFS with A-weighted)
(Note4)
117
-
123
120
dB
dB
S/N
( A-weighted)
(Note4)
117
-
123
120
dB
dB
Interchannel Isolation
110
120
dB
Interchannel Gain Mismatch
0.1
0.5
dB
Gain Drift
150
ppm/
°C
Offset Error
After calibration, HPF=OFF
After calibration, HPF=ON
±1000
±1
-
-
LSB24
LSB24
Offset Drift
(HPF=OFF)
-
±10
-
LSB24/°C
Offset Calibration Range
(HPF=OFF)
(Note5)
±50
mV
Input Voltage
(AIN+)
− (AIN−)
±2.25
±2.4
±2.55
V
Power Supplies:
Power Supply Current
VA
VD (fs=48kHz; DFS0=“L”, DFS1=“L”)
(fs=96kHz; DFS0=“H”, DFS1=“L”)
(fs=192kHz; DFS0=“L”, DFS1=“H”)
127
9
13
21
165
13.5
20
32
mA
mA
mA
mA
Power Dissipation
665
870
mW
Power Supply Rejection
(Note 6)
70
dB
Notes: 4. Using the circuit as shown in Figure9 (Analog input buffer circuit example 1). 1000µF capacitors connected
between VREF+/
− pin and GND.
5. The output level reduces equivalent to DC offset after calibration.
6. PSRR is applied to VA and VD with 1kHz, 20mVpp.


Similar Part No. - AK5394AVS

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5394AVS AKM-AK5394AVS Datasheet
174Kb / 24P
   Super High Performance 192kHz 24-Bit ADC
More results

Similar Description - AK5394AVS

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5359 AKM-AK5359 Datasheet
137Kb / 18P
   24-Bit 192kHz ?誇 ADC
AK5394A AKM-AK5394A Datasheet
174Kb / 24P
   Super High Performance 192kHz 24-Bit ADC
AK5386 AKM-AK5386 Datasheet
148Kb / 18P
   Single-ended 24-Bit 192kHz ?誇 ADC
AK4388 AKM-AK4388 Datasheet
196Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK4388A AKM-AK4388A Datasheet
327Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK5385B AKM-AK5385B Datasheet
186Kb / 24P
   24Bit 192kHz ?誇 ADC
AK4396 AKM-AK4396 Datasheet
423Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit ?誇 DAC
AK4385 AKM-AK4385_06 Datasheet
272Kb / 23P
   108dB 192kHz 24-Bit 2ch ?誇 DAC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com