Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD5386 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AKD5386
Description  Single-ended 24-Bit 192kHz ?誇 ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5386 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AKD5386 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD5386 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD5386 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD5386 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD5386 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5386 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5386 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD5386 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD5386 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ASAHI KASEI
[AK5386]
MS0579-E-00
2006/12
- 7 -
FILTER CHARACTERISTICS (fs=192kHz)
(Ta=
−40 ∼ 85°C; VA=4.5 ∼ 5.5V; VD=3.0 ∼ 3.6V)
Parameter
Symbol
min
typ
max
Units
ADC Digital Filter (Decimation LPF):
Passband
(Note 8)
±0.1dB
−0.2dB
−3.0dB
PB
0
-
-
-
52.9
90.1
43.8
-
-
kHz
kHz
kHz
Stopband
SB
112
-
-
kHz
Passband Ripple
PR
-
-
±0.005
dB
Stopband Attenuation
SA
72
-
-
dB
Group Delay Distortion
∆GD
-
0
-
µs
Group Delay
(Note 9)
GD
-
16.5
-
1/fs
ADC Digital Filter (HPF):
Frequency Response (Note 8)
−3dB
−0.1dB
FR
-
-
4.0
26.0
-
-
Hz
Hz
Note 8. The passband and stopband frequencies scale with fs. For example, PB (
±0.02dB) at fs=48kHz is 0.4535 × fs. The
reference frequency of these response is 1kHz.
Note 9. The calculated delay time induced by digital filtering. This time is from the input of an analog signal to the setting
of 24bit data both channels to the ADC output register for ADC.
DC CHARACTERISTICS
(Ta=
−40 ∼ 85°C; VA=4.5 ∼ 5.5V; VD=2.7 ∼ 3.6V at Normal Speed, VD=3.0 ∼ 3.6V at Double/Quad Speed)
Parameter
Symbol
min
typ
max
Units
High-Level Input Voltage
Low-Level Input Voltage
VIH
VIL
70%VD
-
-
-
-
30%VD
V
V
High-Level Output Voltage
(Iout=
−1mA)
Low-Level Output Voltage
(Iout=1mA)
VOH
VOL
VD
−0.5
-
-
-
-
0.5
V
V
Input Leakage Current
Iin
-
-
±10
µA


Similar Part No. - AKD5386

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5386 AKM-AKD5386 Datasheet
590Kb / 25P
   24bit 192kHz A/D converter
AKD5386-B-06 AKM-AKD5386-B-06 Datasheet
590Kb / 25P
   24bit 192kHz A/D converter
More results

Similar Description - AKD5386

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5359 AKM-AK5359 Datasheet
137Kb / 18P
   24-Bit 192kHz ?誇 ADC
AK5394A AKM-AK5394A_05 Datasheet
191Kb / 25P
   Super High Performance 192kHz 24-Bit ?誇 ADC
AK4388 AKM-AK4388 Datasheet
196Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK4388A AKM-AK4388A Datasheet
327Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK5385B AKM-AK5385B Datasheet
186Kb / 24P
   24Bit 192kHz ?誇 ADC
AK4396 AKM-AK4396 Datasheet
423Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit ?誇 DAC
AK4385 AKM-AK4385_06 Datasheet
272Kb / 23P
   108dB 192kHz 24-Bit 2ch ?誇 DAC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com