Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5381ET Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK5381ET
Description  24Bit 96kHz ?誇 ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5381ET Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK5381ET Datasheet HTML 5Page - Asahi Kasei Microsystems AK5381ET Datasheet HTML 6Page - Asahi Kasei Microsystems AK5381ET Datasheet HTML 7Page - Asahi Kasei Microsystems AK5381ET Datasheet HTML 8Page - Asahi Kasei Microsystems AK5381ET Datasheet HTML 9Page - Asahi Kasei Microsystems AK5381ET Datasheet HTML 10Page - Asahi Kasei Microsystems AK5381ET Datasheet HTML 11Page - Asahi Kasei Microsystems AK5381ET Datasheet HTML 12Page - Asahi Kasei Microsystems AK5381ET Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ASAHI KASEI
[AK5381]
MS0200-E-02
2006/01
- 9 -
SWITCHING CHARACTERISTICS (fs=48kHz
∼ 96kHz)
(Ta=Tmin
∼ Tmax; VA=4.5 ∼ 5.5V; VD=3.0 ∼ 5.5V; C
L=20pF; CMOS Level Mode only)
Parameter
Symbol
min
typ
max
Units
Master Clock Timing
Frequency
Pulse Width Low
Pulse Width High
fCLK
tCLKL
tCLKH
12.288
0.4/fCLK
0.4/fCLK
36.864
MHz
ns
ns
LRCK Frequency
fs
48
96
kHz
Duty Cycle
Slave mode
Master mode
45
50
55
%
%
Audio Interface Timing
Slave mode
SCLK Period
SCLK Pulse Width Low
Pulse Width High
LRCK Edge to SCLK “
↑”
(Note 9)
SCLK “
↑” to LRCK Edge
(Note 9)
LRCK to SDTO (MSB) (Except I
2S mode)
SCLK “
↓” to SDTO
tSCK
tSCKL
tSCKH
tLRSH
tSHLR
tLRS
tSSD
160
65
65
30
30
35
35
ns
ns
ns
ns
ns
ns
ns
Master mode
SCLK Frequency
SCLK Duty
SCLK “
↓” to LRCK
SCLK “
↓” to SDTO
fSCK
dSCK
tMSLR
tSSD
−20
64fs
50
20
35
Hz
%
ns
ns
Reset Timing
PDN Pulse Width
(Note 10)
PDN “
↑” to SDTO valid at Slave Mode
(Note 11)
PDN “
↑” to SDTO valid at Master Mode (Note 11)
tPD
tPDV
tPDV
150
4132
4129
ns
1/fs
1/fs
Note 9. SCLK rising edge must not occur at the same time as LRCK edge.
Note 10. The AK5381 can be reset by bringing the PDN pin = “L”.
Note 11. This cycle is the number of LRCK rising edges from the PDN pin = “H”.


Similar Part No. - AK5381ET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK5381 ETC-AK5381 Datasheet
201Kb / 21P
   Evaluation board Rev.A for AK5381
logo
Asahi Kasei Microsystem...
AK5381 AKM-AK5381 Datasheet
173Kb / 20P
   24bit 96kHz A/D converter
More results

Similar Description - AK5381ET

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5357 AKM-AK5357_09 Datasheet
301Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357 Datasheet
135Kb / 19P
   24Bit 96kHz ?誇 ADC
AKD4380 AKM-AKD4380_04 Datasheet
230Kb / 21P
   96kHz sampling 24Bit?誇DAC
AK5385B AKM-AK5385B Datasheet
186Kb / 24P
   24Bit 192kHz ?誇 ADC
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
AK5380 AKM-AK5380 Datasheet
137Kb / 17P
   96kHz 24Bit ADC with Single - ended Input
AK5353 AKM-AK5353 Datasheet
114Kb / 17P
   96kHz 24BIT ADC WITH SIGLE-ENDED INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com