Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74TVC3010DGVRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74TVC3010DGVRG4
Description  10-BIT VOLTAGE CLAMP
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74TVC3010DGVRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74TVC3010DGVRG4 Datasheet HTML 4Page - Texas Instruments SN74TVC3010DGVRG4 Datasheet HTML 5Page - Texas Instruments SN74TVC3010DGVRG4 Datasheet HTML 6Page - Texas Instruments SN74TVC3010DGVRG4 Datasheet HTML 7Page - Texas Instruments SN74TVC3010DGVRG4 Datasheet HTML 8Page - Texas Instruments SN74TVC3010DGVRG4 Datasheet HTML 9Page - Texas Instruments SN74TVC3010DGVRG4 Datasheet HTML 10Page - Texas Instruments SN74TVC3010DGVRG4 Datasheet HTML 11Page - Texas Instruments SN74TVC3010DGVRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
SN74TVC3010
10-BIT VOLTAGE CLAMP
SCDS088G – APRIL 1999 – REVISED AUGUST 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
VSPASS – Low Reference Voltage – V
Weak
Nominal
Strong
VREF = 1 V
VDDREF = 3.3 V
RDREF = 200 kΩ
RDPASS = 150 Ω
VDDPASS = 3.3 V
Weak
Nominal
Strong
Weak
Nominal
Strong
VSPASS – Low Reference Voltage – V
VSPASS – Low Reference Voltage – V
VREF = 1.5 V
VDDREF = 3.3 V
RDREF = 200 kΩ
RDPASS = 150 Ω
VDDPASS = 3.3 V
VREF = 2 V
VDDREF = 3.3 V
RDREF = 200 kΩ
RDPASS = 150 Ω
VDDPASS = 3.3 V
–2
–4
–6
–8
–10
–12
–14
–16
–18
–20
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
–2
–4
–6
–8
–10
–12
–14
–16
–18
–20
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
–2
–4
–6
–8
–10
–12
–14
–16
–18
–20
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
Figure 5. Electrical Characteristics at Low VREF Voltages


Similar Part No. - SN74TVC3010DGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74TVC3010DGVR TI1-SN74TVC3010DGVR Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
More results

Similar Description - SN74TVC3010DGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74TVC16222-1 TI1-SN74TVC16222-1 Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010 TI-SN74TVC3010 Datasheet
142Kb / 11P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2010 PHILIPS-GTL2010 Datasheet
52Kb / 6P
   10-bit GTL Processor Voltage Clamp
1999 Apr 05
logo
Texas Instruments
SN74TVC16222A TI-SN74TVC16222A_07 Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_08 Datasheet
421Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222 TI1-SN74TVC16222 Datasheet
427Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A Datasheet
248Kb / 15P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000 Datasheet
55Kb / 6P
   22-bit GTL processor voltage clamp
2000 Jan 25
logo
Wolfson Microelectronic...
WM2331 WOLFSON-WM2331 Datasheet
232Kb / 25P
   10-bit 30MSPS ADC with PGA and Clamp
logo
Gaomi Xinghe Electronic...
SMF50CA GXELECTRONICS-SMF50CA Datasheet
1Mb / 6P
   Maximum Clamp Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com