Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4707 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK4707
Description  AV SCART Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4707 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK4707 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4707 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4707 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4707 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4707 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4707 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4707 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4707 Datasheet HTML 14Page - Asahi Kasei Microsystems AK4707 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
ASAHI KASEI
[AK4707]
MS0551-E-00
2006/10
- 11 -
RECOMMENDED OPERATING CONDITIONS
(VSS = VVSS = 0V; Note 1)
Parameter
Symbol
min
typ
max
Units
Power Supply
(Note 3)
VD
VVD1
VVD2
VP
4.75
4.75
4.75
11.4
5.0
5.0
5.0
12
5.25
5.25
VVD1
12.6
V
V
V
V
Note 1. All voltages with respect to ground.
Note 3. VVD1 and VVD2 must be connected to the same voltage.
*AKM assumes no responsibility for the usage beyond the conditions in this datasheet.
ELECTRICAL CHARACTERISTICS
(Ta = 25
°C; VP = 12V, VD = 5V; VVD1 = VVD2 = 5V)
Power Supplies
min
typ
max
Units
Power Supply Current
Normal Operation (PDN = “H”)
(Note 4)
VD
VVD1+VVD2
VP
Power-Down Mode (PDN = “L”)
(Note 5)
VD
VVD1+VVD2
VP
10
20
5
10
10
10
20
40
10
100
100
100
mA
mA
mA
µA
µA
µA
Note 4. STBY bit = “0”, All video outputs active. No signal, no load for A/V switches.
Note 5. All digital inputs are held at VSS.
DIGITAL CHARACTERISTICS
(Ta = 25
°C; VD = 4.75 ∼ 5.25V)
Parameter
Symbol
min
typ
max
Units
High-Level Input Voltage
Low-Level Input Voltage
VIH
VIL
2.0
-
-
-
-
0.8
V
V
Low-Level Output Voltage
(SDA pin: Iout= 3mA, INT pin: Iout= 1mA)
VOL
-
-
0.4
V
Input Leakage Current
Iin
-
-
±10
µA


Similar Part No. - AK4707

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4702 AKM-AK4702 Datasheet
308Kb / 38P
   2CH DAC WITH AV SCART SWITCH
AK4702EQ AKM-AK4702EQ Datasheet
481Kb / 39P
   2ch DAC with AV SCART switch
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
   AV SCART switch
AK4703VQ AKM-AK4703VQ Datasheet
342Kb / 38P
   AV SCART switch
AK4704 AKM-AK4704 Datasheet
432Kb / 44P
   2ch 24bit DAC with AV SCART switch
More results

Similar Description - AK4707

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
   AV SCART switch
AKD4708-A AKM-AKD4708-A Datasheet
1Mb / 28P
   AV SCART switch
AK4709 AKM-AK4709 Datasheet
607Kb / 42P
   Low Power AV SCART Switch
AK4702 AKM-AK4702 Datasheet
308Kb / 38P
   2CH DAC WITH AV SCART SWITCH
AK4702EQ AKM-AK4702EQ Datasheet
481Kb / 39P
   2ch DAC with AV SCART switch
AKD4705-A AKM-AKD4705-A Datasheet
434Kb / 42P
   2ch DAC with AV SCART switch
AKD4706-A AKM-AKD4706-A Datasheet
549Kb / 34P
   2ch DAC with AV SCART switch
AK4705 AKM-AK4705 Datasheet
679Kb / 50P
   2ch 24bit DAC with AV SCART Switch
AK4704 AKM-AK4704 Datasheet
432Kb / 44P
   2ch 24bit DAC with AV SCART switch
AK4708 AKM-AK4708 Datasheet
521Kb / 46P
   AV SCART Switch with Two RGB Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com