Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC4066PWRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC4066PWRG4
Description  QUADRUPLE BILATERAL ANALOG SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC4066PWRG4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74HC4066PWRG4 Datasheet HTML 1Page - Texas Instruments SN74HC4066PWRG4 Datasheet HTML 2Page - Texas Instruments SN74HC4066PWRG4 Datasheet HTML 3Page - Texas Instruments SN74HC4066PWRG4 Datasheet HTML 4Page - Texas Instruments SN74HC4066PWRG4 Datasheet HTML 5Page - Texas Instruments SN74HC4066PWRG4 Datasheet HTML 6Page - Texas Instruments SN74HC4066PWRG4 Datasheet HTML 7Page - Texas Instruments SN74HC4066PWRG4 Datasheet HTML 8Page - Texas Instruments SN74HC4066PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SN74HC4066
QUADRUPLE BILATERAL ANALOG SWITCH
SCLS325G – MARCH 1996 – REVISED JULY 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram, each switch (positive logic)
A
VCC
VCC
B
One of Four Switches
C
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Control-input diode current, II (VI < 0 or VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I/O port diode current, II (VI < 0 or VI/O > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
On-state switch current (VI/O = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DB package
96
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
76
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
113
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltages are with respect to ground unless otherwise specified.
2. The package thermal impedance is calculated in accordance with JESD 51-7.


Similar Part No. - SN74HC4066PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC4066PW TI-SN74HC4066PW Datasheet
153Kb / 10P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results

Similar Description - SN74HC4066PWRG4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
418Kb / 17P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066 Datasheet
540Kb / 10P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066 Datasheet
204Kb / 7P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
153Kb / 10P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI1-SN74AHC4066_14 Datasheet
1Mb / 29P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHCT4066 UTC-U74AHCT4066_15 Datasheet
227Kb / 6P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066_15 Datasheet
796Kb / 21P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066_15 Datasheet
984Kb / 27P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066_07 Datasheet
832Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com