Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4651 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK4651
Description  16Bit ?誇 CODEC with MIC/HP/SPK-AMP
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4651 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK4651 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4651 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4651 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4651 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4651 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4651 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4651 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4651 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4651 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
ASAHI KASEI
[AK4651]
MS0503-E-00
2006/04
- 4 -
Ordering Guide
AK4651VG
−30 ∼ +85°C
57pin BGA (0.5mm pitch)
AKD4651
Evaluation board for AK4651
Pin Layout
A
Top View
BC
E
DF
G
H
J
6
7
8
9
5
3
4
1
2
AK4651
9
NC
BEEP/IN2
AVDD
VCOM
AUXIN+
MPI
EXT/MIC+
MPE/LIN
NC
8
VCOC1
VCOC2
AVSS
MVREF
AUXIN−
INT/MIC−
MDT/RIN
AIN
MICOUT
7
TEST2
AVDD2
MOUT−
MOUT+
6
TEST3
TEST4
HPL
HPR
5
TEST5
AVSS2
Top View
HVSS
HVDD
4
TEST7
TEST6
SPP
SPN
3
TEST9
TEST8
NC
MUTET
HDT
2
TEST10
INTN
XTO/PLL0
SDATA
OUT
DVSS2
SDATAIN
SYNC
MOUT2
MIN
1
NC
DVDD1
XTI/MCKI
DVSS1
BITCLK
DVDD2
RESETN
PLL1
TEST
A
B
C
D
E
F
G
H
J


Similar Part No. - AK4651

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4650 AKM-AK4650 Datasheet
868Kb / 86P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP & TSC
AK4650VG AKM-AK4650VG Datasheet
868Kb / 86P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP & TSC
More results

Similar Description - AK4651

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4650 AKM-AK4650 Datasheet
868Kb / 86P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP & TSC
AK4534 AKM-AK4534 Datasheet
421Kb / 64P
   16Bit CODEC with MIC/HP/SPK-AMP
AK4538 AKM-AK4538 Datasheet
462Kb / 70P
   16Bit DS CODEC with MIC/HP/SPK-AMP
AK4640 AKM-AK4640_05 Datasheet
648Kb / 78P
   16-Bit ?誇 CODEC with MIC/HP/SPK-AMP
AK4640 AKM-AK4640 Datasheet
634Kb / 76P
   16BIT CODEC WITH MIC /HP/SPK-AMPl
AK4642VN AKM-AK4642VN Datasheet
591Kb / 82P
   16-Bit ?誇 Stereo CODEC with MIC/HP/SPK-AMP
AK4537 AKM-AK4537 Datasheet
556Kb / 76P
   16-Bit ?誇 Stereo CODEC with MIC/HP/SPK-AMP
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4564 AKM-AK4564 Datasheet
382Kb / 48P
   16BIT CODEC WITH BUILT-IN ALC AND MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com