Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4650 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK4650
Description  16Bit ?誇 CODEC with MIC/HP/SPK-AMP & TSC
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4650 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK4650 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4650 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4650 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4650 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4650 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4650 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4650 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4650 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4650 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
[AK4650]
MS0502-E-01
2007/04
- 8 -
No.
Pin Name
I/O
Function
B7
TSVDD
-
Touch Screen Controller Power Supply Pin
A7
XP
I/O
Touch Screen X+ plate Voltage Supply Pin
X axis Measurement: Supplies the voltage.
Y axis Measurement: This pin is used as the input for the A/D converter.
Pen Pressure Measurement: This pin is the input to the A/D converter at Z1
measurement.
VBAT/IN1/IN2 Measurement: OPEN state.
Pen Interrupt: pulled-up by an internal resistor (typ.50k
Ω).
Power-down State: OPEN state. When PDN pin is “L”, XP pin is pulled-up by an
internal resistor (typ.50k
Ω).
A6
YP
I/O
Touch Screen Y+ plate Voltage Supply Pin
Y axis Measurement: Supplies the voltage.
X axis Measurement: This pin is used as the input for the A/D converter.
Pen Pressure Measurement: Supplies the voltage.
VBAT/IN1/IN2 Measurement: OPEN state.
Pen Interrupt: OPEN state.
Power-down State: OPEN state.
B6
XN
I/O
Touch Screen X
− plate Voltage Supply Pin
X axis Measurement: Supplies the voltage.
Y axis Measurement: OPEN state.
Pen Pressure Measurement: Supplies the voltage.
VBAT/IN1/IN2 Measurement: OPEN state.
Pen Interrupt: OPEN state.
Power-down State: OPEN state.
A5
YN
I/O
Touch Screen Y
− plate Voltage Supply Pin
Y axis Measurement: Supplies the voltage.
X axis Measurement: OPEN state.
Pen Pressure Measurement: This pin is the input to the A/D converter at Z2
measurement.
VBAT/IN1/IN2 Measurement: OPEN state.
Pen Interrupt: connected to GND.
Power-down State: OPEN state.
B5
TSVSS
-
Touch Screen Controller Ground Pin
B4
VBAT
I
Analog Input Pin for Battery Monitor
A4
IN1
I
Auxiliary 1 Analog Input Pin
B3
TEST2
-
Test 2 Pin
This pin should be floating.
A3
VREF
I/O
Voltage Reference Input/Output
Outputs 2.5V at PMVREF bit = “1”.
B2
INTN
O
Pen Interrupt Output Pin
This pin should be pulled up via a 100k
Ω resistor.
A2
ADEXE
I
SYNC Signal Input Pin for ADC of Touch Screen Controller
C3
NC
-
No Connect Pin
No internal bonding. This pin should be open or connected to the ground.


Similar Part No. - AK4650

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4651 AKM-AK4651 Datasheet
588Kb / 66P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP
AK4651VG AKM-AK4651VG Datasheet
588Kb / 66P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP
More results

Similar Description - AK4650

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4651 AKM-AK4651 Datasheet
588Kb / 66P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP
AK4534 AKM-AK4534 Datasheet
421Kb / 64P
   16Bit CODEC with MIC/HP/SPK-AMP
AK4538 AKM-AK4538 Datasheet
462Kb / 70P
   16Bit DS CODEC with MIC/HP/SPK-AMP
AK4640 AKM-AK4640_05 Datasheet
648Kb / 78P
   16-Bit ?誇 CODEC with MIC/HP/SPK-AMP
AK4640 AKM-AK4640 Datasheet
634Kb / 76P
   16BIT CODEC WITH MIC /HP/SPK-AMPl
AK4642VN AKM-AK4642VN Datasheet
591Kb / 82P
   16-Bit ?誇 Stereo CODEC with MIC/HP/SPK-AMP
AK4537 AKM-AK4537 Datasheet
556Kb / 76P
   16-Bit ?誇 Stereo CODEC with MIC/HP/SPK-AMP
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4564 AKM-AK4564 Datasheet
382Kb / 48P
   16BIT CODEC WITH BUILT-IN ALC AND MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com