Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4646 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AKD4646
Description  Stereo CODEC with MIC/SPK-AMP
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4646 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AKD4646 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4646 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4646 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4646 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4646 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4646 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4646 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4646 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4646 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 79 page
background image
[AK4646]
MS0557-E-02
2007/05
- 2 -
6. Sampling Rate:
• PLL Slave Mode (LRCK pin): 7.35kHz ∼ 48kHz
• PLL Slave Mode (BICK pin): 7.35kHz ∼ 48kHz
• PLL Slave Mode (MCKI pin):
8kHz, 11.025kHz, 12kHz, 16kHz, 22.05kHz, 24kHz, 32kHz, 44.1kHz, 48kHz
• PLL Master Mode:
8kHz, 11.025kHz, 12kHz, 16kHz, 22.05kHz, 24kHz, 32kHz, 44.1kHz, 48kHz
• EXT Slave Mode:
7.35kHz
∼ 48kHz (256fs), 7.35kHz ∼ 26kHz (512fs), 7.35kHz ∼ 13kHz (1024fs)
7.
μP I/F: 3-wire Serial
8. Master/Slave mode
9. Audio Interface Format: MSB First, 2’s compliment
• ADC: 16bit MSB justified, I2S
• DAC: 16bit MSB justified, 16bit LSB justified, 16-24bit I2S
10. Ta =
−30 ∼ 85°C
11. Power Supply:
• AVDD: 2.2 ∼ 3.6V (typ. 3.3V)
• DVDD: 1.6 ∼ 3.6V (typ. 3.3V)
• SVDD: 2.2 ∼ 4.0 V (typ. 3.3V)
12. Power supply Current: 19mA
13. Package: 32pin QFN (5mm x 5mm, 0.5mm pitch)
14. Pin/Register Compatible with AK4642EN/AK4643EN
Block Diagram
MIC Power
Supply
MIC-Amp
A/D
Stereo
Separation
HPF
PMADL
PMADR
PMMP
PMADL or PMADR
Audio
I/F
D/A
DATT
SMUTE
PMDAC
Internal
MIC
External
MIC
Line Out
PMSPK
Speaker
ALC
PLL
PMBP
PMPLL
Control
Register
MPWR
LIN1
RIN1
LIN2
RIN2
SPP
SPN
SVDD
SVSS
MIN
AVDD
AVSS
VCOM
DVDD
CCLK
PDN
CDTIO
BICK
LRCK
SDTO
SDTI
MCKO
MCKI
VCOC
PMLO
LOUT
ROUT
DVSS
CSN
5 Band
EQ
DEM
PMADCL
or
PMADCR
or
PMDAC
LPF
HPF
Figure 1. Block Diagram


Similar Part No. - AKD4646

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4646 AKM-AKD4646 Datasheet
842Kb / 78P
   Stereo CODEC with MIC/SPK-AMP
AKD4646 AKM-AKD4646 Datasheet
734Kb / 81P
   Stereo CODEC with MIC/SPK-AMP
AKD4646-B AKM-AKD4646-B Datasheet
576Kb / 30P
   Stereo CODEC with built-in MIC/SPK amplifier
More results

Similar Description - AKD4646

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4646 AKM-AK4646_11 Datasheet
734Kb / 81P
   Stereo CODEC with MIC/SPK-AMP
AK4646EZ AKM-AK4646EZ Datasheet
842Kb / 78P
   Stereo CODEC with MIC/SPK-AMP
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4649VN AKM-AK4649VN Datasheet
922Kb / 94P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4649 AKM-AK4649 Datasheet
955Kb / 96P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4675 AKM-AK4675 Datasheet
2Mb / 178P
   Stereo CODEC with MIC/RCV/HP/SPK-AMP
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4954AEN AKM-AK4954AEN Datasheet
569Kb / 26P
   32bit Stereo CODEC with MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com