Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4643 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK4643
Description  Stereo CODEC with MIC/HP/RCV/SPK-AMP
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4643 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK4643 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4643 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4643 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4643 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4643 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4643 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4643 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4643 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4643 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 104 page
background image
ASAHI KASEI
[AK4643]
MS0476-E-01
2006/10
- 8 -
Parameter
min
typ
max
Units
ADC Analog Input Characteristics: LIN1/RIN1/LIN2/RIN2 pins & LIN3/RIN3 pins (AIN3 bit = “1”)
→ ADC → IVOL, IVOL=0dB, ALC=OFF
Resolution
-
-
16
Bits
(Note 14)
0.168
0.198
0.228
Vpp
Input Voltage (Note 13)
(Note 15)
1.68
1.98
2.28
Vpp
(Note 14, LIN1/RIN1/LIN2/RIN2)
71
83
-
dBFS
(Note 14, LIN3/RIN3)
-
83
-
dBFS
(Note 15, LIN1/RIN1/LIN2/RIN2)
-
88
-
dBFS
S/(N+D)
(
−1dBFS)
(Note 15, LIN3/RIN3)
-
72
-
dBFS
(Note 14)
76
86
-
dB
D-Range (
−60dBFS, A-weighted)
(Note 15)
-
95
-
dB
(Note 14)
76
86
-
dB
S/N (A-weighted)
(Note 15)
-
95
-
dB
(Note 14)
75
90
-
dB
Interchannel Isolation
(Note 15)
-
100
-
dB
(Note 14)
-
0.1
0.8
dB
Interchannel Gain Mismatch
(Note 15)
-
0.1
0.8
dB
DAC Characteristics:
Resolution
-
-
16
Bits
Stereo Line Output Characteristics: DAC
→ LOUT/ROUT pins, ALC=OFF, IVOL=0dB, DVOL=0dB, LOVL bit =
“0”, RCV bit = “0”, RL=10kΩ
Output Voltage (Note 16)
LOVL bit = “0”
1.78
1.98
2.18
Vpp
LOVL bit = “1”
2.25
2.50
2.75
Vpp
S/(N+D) (
−3dBFS)
78
88
-
dBFS
S/N (A-weighted)
82
92
-
dB
Interchannel Isolation
PMAINL2/R2/L3/R3 bits = “1”
80
100
-
dB
PMAINL2/R2/L3/R3 bits = “0”
-
100
-
dB
Interchannel Gain Mismatch
-
0.1
0.5
dB
Load Resistance
10
-
-
k
Load Capacitance
-
-
30
pF
Mono Receiver Output Characteristics: DAC
→ RCP/RCN pins, ALC=OFF, IVOL=0dB, DVOL=0dB, LOVL bit =
“0”, RCV bit = “1”, RL=32Ω, BTL
Output Voltage (Note 17)
LOVL bit = “0”,
−6dBFS, R
L=32Ω (Po=15mW)
1.57
1.96
2.35
Vpp
LOVL bit = “0”,
−3dBFS, R
L=32Ω (Po=30mW)
-
2.77
-
Vpp
LOVL bit = “1”,
−8dBFS, R
L=32Ω (Po=15mW)
1.57
1.96
2.35
Vpp
LOVL bit = “1”,
−5dBFS, R
L=32Ω (Po=30mW)
-
2.77
-
Vpp
S/(N+D)
LOVL bit = “0”,
−6dBFS, R
L=32Ω (Po=15mW)
40
60
-
dB
LOVL bit = “0”,
−3dBFS, R
L=32Ω (Po=30mW)
-
60
-
dB
S/N (A-weighted)
85
95
-
dBFS
Load Resistance
32
-
-
Load Capacitance
-
-
30
pF
Note 13. Input voltage is proportional to AVDD voltage. Vin = 0.06 x AVDD (typ)@MGAIN1-0 bits = “01” (+20dB),
Vin = 0.6 x AVDD(typ)@MGAIN1-0 bits = “00” (0dB)
Note 14. MGAIN1-0 bits = “01” (+20dB)
Note 15. MGAIN1-0 bits = “00” (0dB)
Note 16. Output voltage is proportional to AVDD voltage. Vout = 0.6 x AVDD (typ)@LOVL bit = “0”.
Note 17. Output voltage is proportional to AVDD voltage. Vout = (RCP)
− (RCN) = 0.59 x AVDD (typ)@LOVL bit =
“0”,
−6dBFS.


Similar Part No. - AK4643

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4643 AKM-AK4643 Datasheet
766Kb / 40P
   Stereo CODEC with built-in MIC/HP/RCV/SPK amplifier
More results

Similar Description - AK4643

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4675 AKM-AK4675 Datasheet
2Mb / 178P
   Stereo CODEC with MIC/RCV/HP/SPK-AMP
AK4644 AKM-AK4644 Datasheet
805Kb / 96P
   Stereo CODEC with MIC/HP/RCV-AMP
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4671 AKM-AK4671 Datasheet
1Mb / 164P
   Stereo CODEC with MIC/RCV/HP-AMP
AK4671 AKM-AK4671_10 Datasheet
1Mb / 166P
   Stereo CODEC with MIC/RCV/HP-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AKD4643-B AKM-AKD4643-B Datasheet
766Kb / 40P
   Stereo CODEC with built-in MIC/HP/RCV/SPK amplifier
AK4679EG AKM-AK4679EG Datasheet
2Mb / 220P
   24bit Stereo CODEC with DSP and MIC/RCV/HP/SPK/LINE-AMP
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4954AEN AKM-AK4954AEN Datasheet
569Kb / 26P
   32bit Stereo CODEC with MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com