Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9552L1-AX Datasheet(PDF) 8 Page - California Eastern Labs

Part # PS9552L1-AX
Description  2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9552L1-AX Datasheet(HTML) 8 Page - California Eastern Labs

Back Button PS9552L1-AX Datasheet HTML 4Page - California Eastern Labs PS9552L1-AX Datasheet HTML 5Page - California Eastern Labs PS9552L1-AX Datasheet HTML 6Page - California Eastern Labs PS9552L1-AX Datasheet HTML 7Page - California Eastern Labs PS9552L1-AX Datasheet HTML 8Page - California Eastern Labs PS9552L1-AX Datasheet HTML 9Page - California Eastern Labs PS9552L1-AX Datasheet HTML 10Page - California Eastern Labs PS9552L1-AX Datasheet HTML 11Page - California Eastern Labs PS9552L1-AX Datasheet HTML 12Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Data Sheet PN10589EJ03V0DS
8
PS9552,PS9552L1,PS9552L2,PS9552L3
SWITCHING CHARACTERISTICS (TA = −40 to +100°C, VCC = 15 to 30 V, IF (ON) = 7 to 16 mA,
VF (OFF) = −2 to 0.8 V, VEE = GND, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Propagation Delay Time (L → H)
tPLH
Rg = 10 Ω, Cg = 10 nF, f = 10 kHz,
0.1
0.3
0.5
μs
Propagation Delay Time (H → L)
tPHL
Duty Cycle = 50%
*2
5
.
0
3
.
0
1
.
0
μs
Pulse Width Distortion (PWD)
|tPHL−tPLH
3
.
0
|
μs
Propagation Delay Time (Difference
Between Any Two Products)
tPHL−tPLH
−0.35
0.35
μs
t
e
m
i
T
e
s
i
R
r
1
.
0
μs
t
e
m
i
T
ll
a
F
f
1
.
0
μs
UVLO (Turn On Delay)
tUVLO ON
VO > 5 V, IF
8
.
0
A
m
0
1
=
μs
UVLO (Turn Off Delay)
tUVLO OFF VO < 5 V, IF
6
.
0
A
m
0
1
=
μs
Common Mode Transient Immunity at
High Level Output
*3
CMH
TA = 25°C, IF = 10 mA,
VO (MIN.) = 26 V, VCM = 1.5k V
15
kV/μs
Common Mode Transient Immunity at
Low Level Output
*3
CML
TA = 25°C, IF = 0 mA,
VO (MAX.) = 1 V, VCM = 1.5k V
15
kV/μs
*1
Typical values at TA = 25°C.
*2
This load condition is equivalent to the IGBT load at 1 200 V/75 A.
*3
Connect pin 1 and pin 4 to the LED common.


Similar Part No. - PS9552L1-AX

ManufacturerPart #DatasheetDescription
logo
NEC
PS9552L1-AX NEC-PS9552L1-AX Datasheet
218Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9552L1-AX CEL-PS9552L1-AX Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
More results

Similar Description - PS9552L1-AX

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9552 NEC-PS9552 Datasheet
218Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9552 RENESAS-PS9552_15 Datasheet
354Kb / 24P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9531 CEL-PS9531 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9505 RENESAS-PS9505 Datasheet
315Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9505 CEL-PS9505 Datasheet
3Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9531 RENESAS-PS9531_15 Datasheet
657Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9505 RENESAS-PS9505_15 Datasheet
306Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9506 CEL-PS9506 Datasheet
3Mb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9506 RENESAS-PS9506 Datasheet
344Kb / 22P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com