Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4584 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AKD4584
Description  24Bit 96kHz Audio CODEC with DIT/DIR
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4584 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AKD4584 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4584 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4584 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4584 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4584 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4584 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4584 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4584 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4584 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
ASAHI KASEI
[AK4584]
MS0118-E-00
2001/11
- 9 -
Parameter
min
typ
max
Units
Power Supplies
Power Supply Current
Normal Operation (PDN = “H”)
AVDD
PVDD
(fs=44.1kHz)
DVDD+TVDD
(fs=44.1kHz)
(fs=96kHz)
Power-down mode (PDN = “L”)
(Note 8)
AVDD
PVDD
DVDD+TVDD
23
12
24
36
10
10
10
35
18
36
54
100
100
100
mA
mA
mA
mA
µA
µA
µA
Note: 8. All digital input pins are held DVDD or DVSS.
S/PDIF RECEIVER CHARACTERISTICS
(Ta=25
°C; AVDD, DVDD, PVDD=4.75 ∼ 5.25V; TVDD=2.7 ∼ 5.25V)
Parameter
Symbol
min
typ
Max
Units
Input Resistance
Zin
10
k
Input Voltage
VTH
200
mVpp
Input Hysteresis
VHY
-
50
mV
Input Sample Frequency
fs
32
-
192
kHz


Similar Part No. - AKD4584

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4584 AKM-AKD4584 Datasheet
366Kb / 41P
   Evaluation board Rev.A for AK4584
AKD4584 AKM-AKD4584_06 Datasheet
409Kb / 46P
   the 24bit 96kHz CODEC
More results

Similar Description - AKD4584

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
AK4524 AKM-AK4524 Datasheet
320Kb / 31P
   24BIT 96KHZ AUDIO CODEC
AK4524 AKM-AK4524_12 Datasheet
367Kb / 32P
   24Bit 96kHz Audio CODEC
AK4524 AKM-AK4524_04 Datasheet
327Kb / 31P
   24Bit 96kHz Audio CODEC
AK4353 AKM-AK4353 Datasheet
254Kb / 33P
   96kHz 24BIT DAC WITH DIT
AK4528 AKM-AK4528_12 Datasheet
281Kb / 30P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_04 Datasheet
304Kb / 29P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528 Datasheet
284Kb / 29P
   HIGH PERFORMANCE 24BIT 96KHZ AUDIO CODEC
AK4364 AKM-AK4364 Datasheet
265Kb / 34P
   96kHz 24BIT DAC WITH PLL AND DIT
AK4112A AKM-AK4112A Datasheet
304Kb / 31P
   High Feature 96kHz 24bit DIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com