Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4584VQ Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK4584VQ
Description  24Bit 96kHz Audio CODEC with DIT/DIR
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4584VQ Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK4584VQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK4584VQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK4584VQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK4584VQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK4584VQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK4584VQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK4584VQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK4584VQ Datasheet HTML 10Page - Asahi Kasei Microsystems AK4584VQ Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
ASAHI KASEI
[AK4584]
MS0118-E-00
2001/11
- 7 -
ABSOLUTE MAXIMUM RATINGS
(AVSS, DVSS, PVSS=0V; Note 1)
Parameter
Symbol
min
max
Units
Power Supplies:
Analog
Digital
PLL
Output Buffer
|AVSS – DVSS|
(Note 2)
|AVSS – PVSS|
(Note 2)
AVDD
DVDD
PVDD
TVDD
∆GND1
∆GND2
−0.3
−0.3
−0.3
−0.3
-
-
6.0
6.0
6.0
6.0
0.3
0.3
V
V
V
V
V
V
Input Current, Any Pin Except Supplies
IIN
-
±10
mA
Analog Input Voltage (VREF, LIN, RIN pins)
VINA
−0.3
AVDD+0.3
V
Digital Input Voltage 1 (Except RX1-4, BICK, LRCK pins)
VIND1
−0.3
DVDD+0.3
V
Digital Input Voltage 2 (RX1-4 pins)
VIND2
−0.3
PVDD+0.3
V
Digital Input Voltage 3 (BICK, LRCK pins)
VIND3
−0.3
TVDD+0.3
V
Ambient Temperature (powered applied)
Ta
−10
70
°C
Storage Temperature
Tstg
−65
150
°C
Note: 1. All voltages with respect to ground.
Note: 2. AVSS, DVSS and PVSS must be connected to the same analog ground plane.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(AVSS, DVSS, PVSS=0V; Note 1)
Parameter
Symbol
min
typ
max
Units
Power Supplies
(Note 3)
Analog
Digital
PLL
Output Buffer
AVDD
DVDD
PVDD
TVDD
4.75
4.75
4.75
2.7
5.0
5.0
5.0
3.0
5.25
AVDD
AVDD
DVDD
V
V
V
V
Voltage Reference
(Note 4)
VREF
3.0
-
AVDD
V
Note: 1. All voltages with respect to ground.
Note: 3. The power up sequence between AVDD, DVDD, PVDD and TVDD is not critical.
Note: 4. Normally, VREF voltage is the same as AVDD voltage.
WARNING: AKM assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AK4584VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
More results

Similar Description - AK4584VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
AK4524 AKM-AK4524 Datasheet
320Kb / 31P
   24BIT 96KHZ AUDIO CODEC
AK4524 AKM-AK4524_12 Datasheet
367Kb / 32P
   24Bit 96kHz Audio CODEC
AK4524 AKM-AK4524_04 Datasheet
327Kb / 31P
   24Bit 96kHz Audio CODEC
AK4353 AKM-AK4353 Datasheet
254Kb / 33P
   96kHz 24BIT DAC WITH DIT
AK4528 AKM-AK4528_12 Datasheet
281Kb / 30P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_04 Datasheet
304Kb / 29P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528 Datasheet
284Kb / 29P
   HIGH PERFORMANCE 24BIT 96KHZ AUDIO CODEC
AK4364 AKM-AK4364 Datasheet
265Kb / 34P
   96kHz 24BIT DAC WITH PLL AND DIT
AK4112A AKM-AK4112A Datasheet
304Kb / 31P
   High Feature 96kHz 24bit DIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com