Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4528VF Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK4528VF
Description  High Performance 24Bit 96kHz Audio CODEC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4528VF Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK4528VF Datasheet HTML 1Page - Asahi Kasei Microsystems AK4528VF Datasheet HTML 2Page - Asahi Kasei Microsystems AK4528VF Datasheet HTML 3Page - Asahi Kasei Microsystems AK4528VF Datasheet HTML 4Page - Asahi Kasei Microsystems AK4528VF Datasheet HTML 5Page - Asahi Kasei Microsystems AK4528VF Datasheet HTML 6Page - Asahi Kasei Microsystems AK4528VF Datasheet HTML 7Page - Asahi Kasei Microsystems AK4528VF Datasheet HTML 8Page - Asahi Kasei Microsystems AK4528VF Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
ASAHI KASEI
[AK4528]
MS0011-E-01
2004/01
- 2 -
Block Diagram
AINL+
AINR+
VCOM
AOUTL+
AOUTL-
AOUTR-
AOUTR+
VREF
VA
AGND
CSN
(DIF)
CCLK
(CKS1)
CDTI
(CKS0)
P/S
MCLK
SDTI
SDTO
BICK
LRCK
DGND
VT
VD
ADC
DAC
HPF
DATT
SMUTE
Audio I/F
Controller
Control Register I/F
Clock Divider
PDN
AINL-
AINR-
DEM1
DEM0
DFS
Block Diagram
• Compatibility of AK4528 with AK4524
Function
AK4528
AK4524
ADC S/(N+D)
94dB
90dB
ADC DR, S/N
108dB
100dB
Input PGA & ATT
X
O
ADC Inputs
Differential Inputs
Single-end Inputs
Master Mode
X
O
X’tal Oscillating Circuit
X
O
Quad Speed Mode
X
O
Parallel Mode
O
X
O: Available, X: Not Available


Similar Part No. - AK4528VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4528VF AKM-AK4528VF Datasheet
284Kb / 29P
   HIGH PERFORMANCE 24BIT 96KHZ AUDIO CODEC
More results

Similar Description - AK4528VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4528 AKM-AK4528_12 Datasheet
281Kb / 30P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528 Datasheet
284Kb / 29P
   HIGH PERFORMANCE 24BIT 96KHZ AUDIO CODEC
AK4524 AKM-AK4524 Datasheet
320Kb / 31P
   24BIT 96KHZ AUDIO CODEC
AK4524 AKM-AK4524_12 Datasheet
367Kb / 32P
   24Bit 96kHz Audio CODEC
AK4524 AKM-AK4524_04 Datasheet
327Kb / 31P
   24Bit 96kHz Audio CODEC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
AK4552 AKM-AK4552 Datasheet
112Kb / 15P
   3V 96KHZ 24BIT CODEC
AKD4584 AKM-AKD4584_06 Datasheet
409Kb / 46P
   the 24bit 96kHz CODEC
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com