Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4524 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK4524
Description  24Bit 96kHz Audio CODEC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4524 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK4524_04 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4524_04 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4524_04 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4524_04 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4524_04 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4524_04 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4524_04 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4524_04 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4524_04 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
ASAHI KASEI
[AK4524]
M0050-E-03
2004/01
- 8 -
DIGITAL CHARACTERISTICS
(Ta=25
°C; VA, VD=4.75 ∼ 5.25V; VT=2.7 ∼ 5.25V)
Parameter
Symbol
min
typ
Max
Units
High-Level Input Voltage
Low-Level Input Voltage
VIH
VIL
2.2
-
-
-
-
0.8
V
V
High-Level Output Voltage (Iout=
−100µA) (Note 10)
Low-Level Output Voltage (Iout=100
µA)
VOH
VOL
2.7 / VT
−0.5
-
-
-
-
0.5
V
V
Input Leakage Current
Iin
-
-
±10
µA
Note: 10. Min value is lower voltage of 2.7V or VT
−0.5V.
SWITCHING CHARACTERISTICS
(Ta=25
°C; VA, VD=4.75 ∼ 5.25V, VT=2.7 ∼ 5.25V; C
L=20pF)
Parameter
Symbol
min
typ
max
Units
Master Clock Timing
Crystal Resonator
Frequency
11.2896
24.576
MHz
External Clock
Frequency
Pulse Width Low
Pulse Width High
fCLK
tCLKL
tCLKH
8.192
0.4/fCLK
0.4/fCLK
49.152
MHz
ns
ns
CLKO Output
(X’tal mode)
Frequency
Duty Cycle
fMCK
dMCK
11.2896
35
24.576
65
MHz
%
LRCK Frequency
Normal Speed Mode (DFS0=“0”, DFS1=“0”)
Double Speed Mode (DFS0=“1”, DFS1=“0”)
Quad Speed Mode (DFS0=“0”, DFS1=“1”)
fsn
fsd
fsq
32
64
128
48
96
192
kHz
kHz
kHz
Duty Cycle
Slave mode
Master mode
45
50
55
%
%
Audio Interface Timing
Slave mode
BICK Period
BICK Pulse Width Low
Pulse Width High
LRCK Edge to BICK “
↑”
(Note 11)
BICK “
↑” to LRCK Edge
(Note 11)
LRCK to SDTO (MSB)
(Except I
2S mode)
BICK “
↓” to SDTO
SDTI Hold Time
SDTI Setup Time
tBCK
tBCKL
tBCKH
tLRB
tBLR
tLRS
tBSD
tSDH
tSDS
81
33
33
20
20
20
20
40
40
ns
ns
ns
ns
ns
ns
ns
ns
ns
Master mode
BICK Frequency
BICK Duty
BICK “
↓” to LRCK
BICK “
↓” to SDTO
SDTI Hold Time
SDTI Setup Time
fBCK
dBCK
tMBLR
tBSD
tSDH
tSDS
-20
-20
20
20
64fs
50
20
20
Hz
%
ns
ns
ns
ns
Note 11. BICK rising edge must not occur at the same time as LRCK edge.


Similar Part No. - AK4524_04

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4524VF AKM-AK4524VF Datasheet
320Kb / 31P
   24BIT 96KHZ AUDIO CODEC
AK4524VM AKM-AK4524VM Datasheet
367Kb / 32P
   24Bit 96kHz Audio CODEC
AK4524 AKM-AK4524_12 Datasheet
367Kb / 32P
   24Bit 96kHz Audio CODEC
More results

Similar Description - AK4524_04

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4524 AKM-AK4524 Datasheet
320Kb / 31P
   24BIT 96KHZ AUDIO CODEC
AK4524 AKM-AK4524_12 Datasheet
367Kb / 32P
   24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_12 Datasheet
281Kb / 30P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_04 Datasheet
304Kb / 29P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528 Datasheet
284Kb / 29P
   HIGH PERFORMANCE 24BIT 96KHZ AUDIO CODEC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
AK4552 AKM-AK4552 Datasheet
112Kb / 15P
   3V 96KHZ 24BIT CODEC
AKD4584 AKM-AKD4584_06 Datasheet
409Kb / 46P
   the 24bit 96kHz CODEC
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com